データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • IP-R6600

  • AI
    The **IP-R6600** is typically identified as a high-performance **Industrial Router** or **Network Gateway**, often used in M2M (Machine to Machine) and IoT (Internet of Things) applications. These devices are built with specific electronic components designed to withstand harsh environments while maintaining high-speed data transmission. --- ### Core Electronic Architecture The internal electronics of the IP-R6600 are categorized into several functional modules: | Component Category | Description | Key Electronic Parts | |:---|:---|:---| | **Central Processing** | The brain of the unit, handling routing protocols and encryption. | ARM-based Processor (e.g., Cortex series), RAM (DDR3/DDR4), and Flash Memory (eMMC). | | **Cellular Module** | Responsible for 4G LTE/5G connectivity. | M.2 or Mini-PCIe Wireless Modem, SIM card slots, and RF Transceivers. | | **Network Interface** | Manages physical wired connections. | Ethernet Controller (PHY/MAC), RJ45 ports with integrated magnetics (isolation transformers). | | **Power Management** | Converts industrial voltage to internal logic levels. | DC-DC Buck Converters, Voltage Regulators (LDO), and Overvoltage/Reverse Polarity protection circuits. | | **Communication Ports** | Interfaces for industrial equipment. | RS232/RS485 Transceivers, Optocouplers for signal isolation. | --- ### Key Technical Specifications (Electronic Focus) 1. **RF (Radio Frequency) Section**: * **Antenna Connectors**: Usually SMA female connectors for LTE/5G and RP-SMA for Wi-Fi. * **Signal Amplifiers**: Low Noise Amplifiers (LNA) to improve reception in remote areas. 2. **Circuit Protection**: * **ESD Protection**: TVS (Transient Voltage Suppressor) diodes on all I/O ports to protect against static discharge. * **Isolation**: Galvanic isolation on serial ports (RS485) to prevent ground loops in industrial settings. 3. **Connectivity Components**: * **Ethernet**: 10/100/1000 Mbps Auto-MDIX ports. * **Wi-Fi**: 802.11b/g/n or ac chipsets for local wireless access point functionality. --- ### Typical Hardware Interface Layout ```mermaid graph LR A[DC Power Input] --> B[Power Management IC] B --> C[Main CPU/MPU] C <--> D[RAM/Flash Memory] C <--> E[4G/5G Cellular Module] C <--> F[Ethernet Switch Chip] C <--> G[Serial RS232/485 Drivers] ``` ### Environmental Durability Unlike consumer routers, the electronic parts in the IP-R6600 are "Industrial Grade." This means: * **Operating Temperature**: Capacitors and resistors are rated for **-40°C to +75°C**. * **Housing**: Often utilizes an aluminum alloy shell which acts as a massive **heat sink** for the internal components, negating the need for a cooling fan (passive cooling).
    ✨ Follow-up Questions
    • ⤷ Does the IP-R6600 support dual-SIM failover functionality?
    • ⤷ What is the specific power input range (Voltage) for this device?
    • ⤷ Does this router support eSIM or only physical SIM cards?