データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • IP101ALF-DS-R05

  • AI
    ## IP101ALF-DS-R05: Overview and Key Technical Specifications The **IP101ALF** is a single-port 10/100 Fast Ethernet Transceiver (PHY) designed by IC+ Corp. It is widely used in networking equipment, industrial automation, and embedded systems due to its low power consumption and robust performance. --- ### Core Technical Characteristics | Feature | Specification | | :--- | :--- | | **Data Rate** | 10/100 Mbps (Fast Ethernet) | | **Interface Type** | MII (Media Independent Interface) & RMII (Reduced MII) | | **Package Type** | 48-pin LQFP (Low-profile Quad Flat Pack) | | **Operating Voltage** | 3.3V (with built-in 1.8V regulator) | | **Process Technology** | 0.25μm CMOS | | **Temperature Range** | 0°C to 70°C (Commercial Grade) | --- ### Key Electronic Components & Subsystems 1. **MDI (Media Dependent Interface):** * This section handles the physical connection to the RJ45 connector via a transformer (magnetics). * It features **Auto-MDI/MDIX**, which automatically detects and corrects crossover cables. 2. **Clock Management:** * The chip typically requires a **25MHz crystal** or an external oscillator. * Internal Phase-Locked Loops (PLLs) generate the necessary high-frequency clocks for data transmission. 3. **Power Management:** * The "ALF" variant is known for its **extremely low power consumption**. * It supports "Power Down" mode and "Sleep" mode to save energy when no link is detected. * Includes a built-in LDO to convert 3.3V to the 1.8V core voltage. 4. **DSP & Equalizer:** * Uses Digital Signal Processing (DSP) to handle adaptive equalization. * This ensures signal integrity over long Cat5 cables (up to 120+ meters). --- ### Typical Pin Configuration Categories | Category | Pin Names | Description | | :--- | :--- | :--- | | **Power/Ground** | VCC33, VCC18, VSS | Power supply pins for 3.3V and internal 1.8V. | | **MAC Interface** | TXD[0-3], RXD[0-3], TX_EN, RX_DV | Pins for connecting to the Microcontroller/Processor. | | **Management** | MDC, MDIO | Serial management interface for register configuration. | | **Analog** | TXOP/N, RXIP/N | Differential pairs for Ethernet signal transmission. | | **LED Pins** | LED0, LED1, LED2 | Status indicators (Link, Speed, Activity). | --- ### Design Considerations * **Magnetics:** Requires a 1:1 transformer ratio for both transmit and receive paths. * **Termination:** Usually requires 49.9 Ohm (1%) precision resistors for the differential pairs to match impedance. * **Layout:** High-speed differential traces must be kept short and symmetrical to minimize EMI and signal degradation.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the MII and RMII interface modes on the IP101ALF?
    • ⤷ Which specific Ethernet transformers are recommended for use with this chip?
    • ⤷ How do I configure the chip's physical address using the hardware pins?