データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • IP113ALF-DS-R08

  • AI
    ## Electronic Overview: IP113ALF-DS-R08 The **IP113ALF-DS-R08** is an integrated circuit (IC) primarily designed as a **Single-Port 10/100 Mbps Ethernet to Fiber Media Converter**. It is developed by IC Plus Corp. and is widely used in networking hardware to bridge electrical signals (RJ45) and optical signals (Fiber). --- ### Core Specifications | Feature | Specification | | :--- | :--- | | **Data Rate** | 10/100 Mbps (Fast Ethernet) | | **Package Type** | 48-pin LQFP (Low-profile Quad Flat Package) | | **Media Supported** | Copper (UTP) to Fiber Optic | | **Power Supply** | 2.5V / 3.3V I/O tolerance | | **Operating Temp** | 0°C to 70°C (Standard Commercial) | | **Compliance** | IEEE 802.3, 802.3u, 802.3x | --- ### Key Internal Components & Features 1. **PHY (Physical Layer) Transceiver:** The chip contains a built-in 10/100 Ethernet PHY. It handles the encoding and decoding of data streams across different physical mediums. 2. **Auto-Negotiation Support:** It automatically detects the speed (10 or 100 Mbps) and duplex mode (Half or Full) of the connected copper device. 3. **Media Converter Engine:** This is the logic core that translates the 10/100Base-TX electrical signals into 100Base-FX optical signals (and vice versa) with minimal latency. 4. **LFP (Link Fault Pass-through):** A critical networking feature. If one side of the link (either fiber or copper) fails, the chip can force the other side to drop the link, informing the connected switches that the path is down. 5. **Diagnostic LEDs Support:** The IC provides dedicated pins to drive LEDs for status monitoring, including: * Power (PWR) * Fiber Link/Activity (LNK/ACT) * Copper Link/Activity * Speed (10/100) * Full/Half Duplex --- ### Typical Pin Configuration Categories | Pin Groups | Function | | :--- | :--- | | **TP Interface** | Pins for the RJ45 transformer (Transmit/Receive pairs). | | **FX Interface** | Pins for the Fiber Optic Transceiver (PECL levels). | | **Management** | MDC/MDIO pins for SMI (Serial Management Interface). | | **Configuration** | Hardware straps to set LFP, Flow Control, and Duplex modes. | | **Power/Ground** | VCC and GND pins for core logic and I/O. | --- ### Application Use Cases * **Fiber Media Converters:** Extending Ethernet distances beyond the 100-meter copper limit. * **FTTH (Fiber to the Home):** Consumer-grade optical network endpoints. * **Industrial Networking:** Providing EMI-resistant data transmission over fiber in factories.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption characteristics of the IP113ALF?
    • ⤷ How does the LFP (Link Fault Pass-through) mechanism work in this chip?
    • ⤷ What is the difference between the ALF and LF versions of this IC?