データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • IP113MLF-DS-R07

  • AI
    ## Overview of IP113MLF-DS-R07 The **IP113MLF-DS-R07** is a high-performance, single-chip **10/100 Mbps Ethernet Media Converter** controller. It is primarily designed to bridge the gap between different networking media, such as transforming 10/100Base-TX (Copper) signals to 100Base-FX (Fiber). --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Interface Support** | 10/100Base-TX to 100Base-FX | | **Standard Compliance** | IEEE 802.3, IEEE 802.3u | | **Package Type** | LQFP-48 (Low-profile Quad Flat Package) | | **Voltage Supply** | 3.3V (with 1.8V core voltage support) | | **Operating Temp** | 0°C to 70°C (Standard) | | **Data Rate** | 10/100 Mbps Full/Half Duplex | --- ### Key Features and Functions 1. **Built-in PHY and Switch Engine**: * It integrates a physical layer transceiver (PHY) and a media access controller (MAC). * It features a built-in RAM for frame buffering to prevent data loss during speed conversion. 2. **LFP (Link Fault Pass-through)**: * This is a critical networking feature. If one side of the link (e.g., the fiber side) fails, the device automatically shuts down the other side (copper), notifying the connected switch or router of the link failure. 3. **Diagnostic Tools**: * Supports **Loopback Mode** for troubleshooting and link quality testing. * Features LED drivers to indicate Link, Activity, Speed, and Full/Half Duplex status. 4. **Energy Efficiency**: * Built on low-power CMOS technology. * Supports power-down modes to save energy when no link is detected. --- ### Typical Pinout Categories (LQFP-48) | Pin Category | Description | | :--- | :--- | | **TP Interface** | Pins for Twisted Pair (Copper) TX/RX signals. | | **FX Interface** | Pins for Fiber Optic transceiver interfacing (SD, RD, TD). | | **Management** | Pins for SMI (Serial Management Interface) or MDIO/MDC. | | **Configuration** | Hardware strapping pins to set Auto-negotiation or LFP mode. | | **Power/GND** | 3.3V VDD and VSS pins. | --- ### Application Use Cases * **Media Converters**: Converting RJ45 Ethernet cables to Fiber Optic for long-distance transmission (up to 2km for multi-mode or 20km+ for single-mode). * **FTTH (Fiber to the Home)**: Serving as the CPE (Customer Premises Equipment) interface. * **Industrial Networking**: Providing noise-immune data transmission over fiber in high-interference environments.
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the IP113M and IP113S variants?
    • ⤷ Can you provide a reference circuit diagram for the FX interface?
    • ⤷ How does the LFP (Link Fault Pass-through) function be configured via hardware pins?