データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • IP113MLF-DS-R08

  • AI
    ## Overview of the IP113MLF-DS-R08 The **IP113MLF-DS-R08** is a high-performance, single-chip **10/100 Mbps Ethernet Media Converter** controller. It is primarily designed to bridge the gap between copper-based Ethernet (Twisted Pair) and fiber-optic networks. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Data Rate** | 10/100 Mbps (Fast Ethernet) | | **Standard Compliance** | IEEE 802.3, 802.3u | | **Interface (Copper)** | 10/100Base-TX | | **Interface (Fiber)** | 100Base-FX | | **Package Type** | LQFP-48 (Low-profile Quad Flat Package) | | **Operating Voltage** | 3.3V I/O with 1.8V Core (built-in regulator) | | **Temperature Range** | 0°C to 70°C (Standard Commercial) | --- ### 2. Core Functional Blocks The chip integrates several electronic components into a single silicon die to manage data transmission: 1. **Transceiver (PHY):** Includes the Physical Layer circuitry to handle signal encoding/decoding for both copper and fiber mediums. 2. **SRAM Buffer:** Integrated memory to handle frame buffering, preventing data loss during speed autonegotiation or flow control. 3. **LFP (Link Fault Pass-through) Logic:** A critical feature for network administrators; if one side of the link (fiber or copper) fails, the chip forces the other side to shut down so the switch/router is notified of the link failure. 4. **Voltage Regulator:** It typically features a built-in switching regulator to convert 3.3V down to 1.8V, reducing the need for external power management components. --- ### 3. Application Circuitry Components When integrating the IP113MLF-DS-R08 onto a PCB, the following electronic parts are usually required: * **Magnetics (Isolation Transformer):** Necessary for the RJ-45 copper interface to provide galvanic isolation and EMI suppression. * **Optical Transceiver Module:** Connected via the 100Base-FX interface to convert electrical signals into light pulses. * **Crystal Oscillator:** Usually a **25 MHz** crystal is required to provide the clock signal for the internal PLL (Phase Locked Loop). * **LED Indicators:** Pins are provided to drive LEDs for Link, Activity, Full/Half Duplex, and 10/100 Speed status. --- ### 4. Common Use Cases * **Fiber-to-Ethernet Converters:** Standalone boxes that extend network reach beyond the 100m limit of copper cables. * **Industrial Networking:** Bridging fiber backbones to local copper-based PLCs or controllers. * **FTTH (Fiber to the Home):** Entry-level optical network terminals.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout differences between the MLF and previous IP113 versions?
    • ⤷ How does the Link Fault Pass-through (LFP) function work at a hardware level?
    • ⤷ Can this chip support Gigabit Ethernet speeds or is it strictly 10/100?