データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • IP175ALF-DS-R04

  • AI
    ## Technical Overview: IP175ALF-DS-R04 The **IP175ALF-DS-R04** is a high-performance, single-chip 5-port 10/100 Ethernet switch controller. It is commonly used in SOHO (Small Office/Home Office) switches, routers, and industrial networking equipment. It is manufactured by **IC Plus Corp**. --- ### Core Specifications | Feature | Specification | | :--- | :--- | | **Port Count** | 5-Port 10/100 Mbps Fast Ethernet | | **Integrated PHY** | 5 Transceivers for 10Base-T and 100Base-TX | | **Fabric** | Non-blocking switch fabric | | **Package Type** | LQFP-128 (Low-profile Quad Flat Package) | | **Voltage Supply** | 1.8V (Core) and 3.3V (I/O) | | **MAC Address Table** | 1K or 2K entries (depending on version/config) | --- ### Key Internal Components 1. **Integrated Transceivers (PHYs):** Each port features a physical layer transceiver that handles the conversion between digital data and the electrical signals sent over CAT5 cables. It supports auto-MDI/MDIX, eliminating the need for crossover cables. 2. **SSRAM (Static RAM):** The chip includes embedded memory for packet buffering. This minimizes external component count and reduces latency during data forwarding. 3. **Address Lookup Engine:** A hardware-based engine that manages the MAC address table. It learns source addresses and filters/forwards frames based on the destination MAC address. 4. **LDO Regulator:** The "LF" series often includes an internal regulator to convert 3.3V down to 1.8V, simplifying the PCB power design. --- ### Functional Features * **Flow Control:** Supports IEEE 802.3x for full-duplex and back-pressure for half-duplex to prevent packet loss during congestion. * **VLAN Support:** Typically supports Port-based VLAN and Tag-based VLAN (802.1Q). * **QoS (Quality of Service):** Provides priority mapping for time-sensitive data like VoIP or video streaming. * **Power Management:** Includes features for reduced power consumption when ports are idle or cables are disconnected. --- ### Application Circuit Example When designing with the IP175ALF, engineers typically need the following peripheral components: ```c // Critical External Connections 1. 25MHz Crystal Oscillator (Connected to X1/X2 pins) 2. Magnetic Transformer (1:1 ratio for Ethernet isolation) 3. Decoupling Capacitors (0.1uF and 10uF for power stability) 4. Pull-up/down Resistors (For hardware configuration pins) ```
    ✨ Follow-up Questions
    • ⤷What are the specific power consumption ratings for the IP175ALF?
    • ⤷ Does this chip support management via SMI or I2C?
    • ⤷ What is the difference between the 'ALF' and 'DLF' variants of this IC?