データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • IP5318

  • AI
    ## Overview of the IP5318 IC The **IP5318** is a high-performance, multifunctional Power Bank SoC (System on Chip). It integrates a boost converter, battery charger, and fuel gauge monitoring into a single chip. It is widely used in portable power solutions due to its support for various fast-charging protocols. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5V to 13.5V | | **Charging Current** | Up to 4.8A | | **Output Power** | Up to 18W (typical) | | **Efficiency** | Up to 96% | | **Interface** | I2C for MCU communication | | **Package Type** | QFN40 (6mm x 6mm) | --- ### 2. Main Electronic Components & Functionalities The IP5318 functions as an integrated power management system. Below are the primary electronic sections within the chip: #### A. Synchronous Switching System The chip utilizes a high-frequency synchronous switch structure. - **Step-Up (Boost):** Converts battery voltage (3.7V nominal) to 5V, 9V, or 12V for output. - **Step-Down (Buck):** Converts input charger voltage down to the battery charging level. #### B. Protocol Controller It contains an integrated logic controller that supports multiple fast-charging handshakes: - **Qualcomm Quick Charge (QC) 2.0/3.0** - **FCP (Huawei Fast Charge Protocol)** - **MTK PE+ 1.1 & 2.0** - **USB BC1.2** #### C. Battery Management & Protection The IP5318 includes built-in safety mechanisms to ensure the longevity of the Lithium battery: - **Over-voltage / Under-voltage protection.** - **Over-current protection.** - **Short-circuit protection.** - **Thermal shutdown** (OTP - Over Temperature Protection). --- ### 3. Peripheral Component Requirements When designing a PCB with the IP5318, several external components are essential: 1. **Inductor:** Typically a **1.0µH to 2.2µH** power inductor capable of handling high saturation currents (6A+). 2. **Capacitors:** Low-ESR ceramic capacitors (MLCC) are required on the input (VCC) and output (VOUT) pins for ripple filtering. 3. **Resistors:** Precision resistors are used for current sensing and setting the battery capacity logic. 4. **LEDs/Display:** Supports 4-LED power indicators or an I2C-driven LCD to show battery percentage. --- ### 4. Typical Application Circuit Example ```markdown [ Battery + ] <------> [ Inductor ] <------> [ IP5318 SW Pin ] | [ IP5318 VOUT ] <------> [ USB-A Port ] | [ IP5318 VIN ] <------> [ USB-C Port ] ``` ---
    ✨ Follow-up Questions
    • What are the differences between IP5318 and IP5328?
    • How do I configure the battery capacity settings for IP5318?
    • Can IP5318 support USB Power Delivery (PD) 3.0?