データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • IP5320

  • AI
    ## Overview of the IP5320 Electronic Component The **IP5320** is a highly integrated, multi-functional power management SoC (System-on-Chip) designed primarily for high-capacity power banks and portable charging solutions. It stands out due to its ability to support multi-protocol fast charging and bidirectional buck-boost operations. --- ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Input/Output** | Bidirectional Buck-Boost system | | **Max Power** | Supports up to 22.5W (18W standard) | | **Battery Compatibility** | 2S, 3S, and 4S (series) Lithium-ion or Li-Po batteries | | **Protocols** | PD3.0, QC3.0, FCP, AFC, SCP, MTK PE+ | | **Efficiency** | Up to 95% depending on load and battery configuration | | **Package** | QFN-48 (7mm x 7mm) | --- ### 2. Core Electronic Subsystems The IP5320 integrates several critical electronic modules into a single silicon die: #### A. Synchronous Buck-Boost Converter Unlike standard power bank ICs that only step down (Buck) or step up (Boost), the IP5320 can do both. This allows it to charge a 4-series battery pack (approx. 16.8V) from a 5V USB source, or output 12V from a 2-series battery pack. #### B. Battery Management System (BMS) * **Balance Charging:** It includes internal circuitry to ensure cells in a series string (2S-4S) are charged evenly. * **Protection:** Integrated OVP (Over Voltage), UVP (Under Voltage), and OCP (Over Current) protection. * **NTC Support:** Includes a pin for a Negative Temperature Coefficient thermistor to monitor battery temperature. #### C. Protocol Controller The chip features an integrated physical layer (PHY) for digital communication over the USB D+/D- lines and CC (Configuration Channel) pins. This allows it to "handshake" with smartphones to negotiate the highest possible safe voltage (e.g., jumping from 5V to 9V or 12V). --- ### 3. Application Circuit Components To build a functional circuit using the IP5320, the following peripheral electronic parts are required: 1. **Inductor (L):** Usually a high-current 2.2µH or 4.7µH power inductor for the buck-boost stage. 2. **Capacitors (C):** Low-ESR ceramic capacitors (MLCC) for input and output filtering to minimize ripple. 3. **Sense Resistor:** A high-precision shunt resistor (e.g., 10mΩ) to monitor current flow for the Coulomb counter (battery percentage). 4. **LEDs/LCD:** Support for 4-LED status display or an I2C-driven LCD screen to show precise battery levels. --- ### 4. Advantages of using IP5320 * **Reduced BOM:** Replaces multiple ICs (Charger + Boost + Protocol IC + MCU). * **Flexibility:** Can handle various battery voltages, making it ideal for high-power laptop-capable power banks. * **Low Standby Power:** Consumes very little current when not in use, extending shelf life.
    ✨ Follow-up Questions
    • What are the specific pinout differences between the IP5320 and IP5328?
    • How do you configure the IP5320 for a 3S versus a 4S battery setup?
    • What is the maximum output current supported for the SCP (Super Charge Protocol)?