AI

## Overview of the IP5322 IC
The **IP5322** is a highly integrated, multi-functional power management SoC (System on Chip) designed primarily for high-efficiency power banks and fast-charging applications. It supports multiple fast-charging protocols and manages both the battery charging and the step-up (boost) conversion for output.
---
### Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Input Voltage** | 4.5V to 5.5V (Standard) / Up to 12V (Fast Charge) |
| **Battery Voltage** | 4.2V, 4.3V, 4.35V, and 4.4V (Programmable) |
| **Output Current** | Up to 3.1A (Synchronous Switch) |
| **Efficiency** | Up to 95% (Discharge at 5V/2A) |
| **Package** | QFN32 (5mm x 5mm) |
---
### Core Electronic Components & Functions
The IP5322 integrates several subsystems that usually require separate chips. Below are the primary internal parts:
#### 1. Synchronous Switching Charger
It features a high-current battery charger that supports various battery types.
- **Auto-Adjust:** It can automatically adjust the charging current based on the adapter's capability.
- **Fast Charge Support:** Compatible with QC2.0, QC3.0, FCP (Huawei), AFC (Samsung), and SFCP (Spreadtrum).
#### 2. Synchronous Boost Converter
This section converts the low battery voltage (3.0V - 4.2V) to a stable 5V, 9V, or 12V output.
- **High Efficiency:** Because it uses synchronous rectification (replacing the diode with a MOSFET), it minimizes heat generation.
- **Constant Power:** It maintains stable output even as the battery voltage drops.
#### 3. Battery Fuel Gauge
The IC includes a built-in ADC (Analog-to-Digital Converter) to measure battery voltage and current.
- **LED Display:** Can drive 1, 2, 3, or 4 LEDs to show the remaining capacity.
- **Accuracy:** Provides an accurate estimation of the "State of Charge" (SoC).
#### 4. Protection Circuitry
Safety is handled internally to protect both the battery and the connected devices:
* **Over-voltage / Under-voltage** protection.
* **Short-circuit** protection (Output).
* **Over-temperature** protection (OTP).
* **Over-charge / Over-discharge** protection.
---
### Typical Application Circuit Requirements
To build a circuit using the IP5322, you typically need these external passive components:
```markdown
1. Inductor (L): Usually 1.0uH to 2.2uH (High current rated).
2. Capacitors (C): Low ESR ceramic capacitors (22uF - 47uF) for input/output filtering.
3. Resistors (R): To set the charging current and battery voltage thresholds.
4. NTC Thermistor: To monitor battery temperature.
```
---
### Pros and Cons
| Pros | Cons |
| :--- | :--- |
| High integration (small PCB footprint) | QFN package is difficult to hand-solder |
| Multi-protocol fast charge support | Requires specific inductor quality for high efficiency |
| Very low standby current (<100µA) | Thermal management is critical at 18W+ loads |
- ⤷What is the difference between IP5322 and IP5328?
- ⤷ How do I configure the battery voltage for 4.4V cells on this chip?
- ⤷ Can IP5322 support USB-C Power Delivery (PD)?