IRFP048NPBF..
AI

## Technical Overview of IRFP048NPBF
The **IRFP048NPBF** is a high-power N-Channel enhancement mode MOSFET (Metal Oxide Semiconductor Field Effect Transistor) designed by Infineon (formerly International Rectifier). It is primarily used in applications requiring high-speed switching and high efficiency.
---
### 1. Key Technical Specifications
| Parameter | Value / Description |
| :--- | :--- |
| **Transistor Polarity** | N-Channel |
| **Drain-to-Source Voltage ($V_{DSS}$)** | 55 V |
| **Continuous Drain Current ($I_D$)** | 64 A (at $T_C = 25^\circ C$) |
| **On-Resistance ($R_{DS(on)}$)** | 14 mΩ (0.014 Ω) |
| **Package Type** | TO-247AC |
| **Total Gate Charge ($Q_g$)** | 89 nC |
| **Operating Temperature Range** | -55°C to +175°C |
---
### 2. Physical Construction and Pinout
The device is housed in a **TO-247** package, which is favored for high-power applications due to its superior heat dissipation capabilities compared to smaller packages like TO-220.
* **Pin 1 (Gate):** Controls the switching of the MOSFET.
* **Pin 2 (Drain):** Connected to the load.
* **Pin 3 (Source):** Connected to the ground or negative supply.
* **Tab:** Usually connected to Pin 2 (Drain).
---
### 3. Core Features
* **Low On-Resistance:** The 14mΩ resistance minimizes power loss during the "on" state, reducing heat generation.
* **Advanced Process Technology:** Utilizes Fifth Generation HEXFET technology to achieve extremely low resistance per silicon area.
* **Dynamic $dv/dt$ Rating:** Provides robustness against rapid voltage spikes.
* **Fully Avalanche Rated:** Capable of handling energy spikes without immediate failure, enhancing circuit reliability.
* **Lead-Free (PbF):** The "PBF" suffix indicates compliance with RoHS standards (lead-free).
---
### 4. Typical Applications
The IRFP048NPBF is a versatile component often found in:
1. **DC-DC Converters:** High-frequency switching to step down or step up voltages.
2. **Motor Controllers:** Driving DC motors in robotics or industrial tools.
3. **Uninterruptible Power Supplies (UPS):** Used in the inverter stage to convert DC battery power back to AC.
4. **Solar Inverters:** Managing power flow from photovoltaic panels.
---
### 5. Implementation Example (Basic Switching)
To turn the MOSFET "on," a voltage higher than the Gate Threshold ($V_{GS(th)}$, typically 2.0V to 4.0V) must be applied to the gate relative to the source.
```python
# Conceptual logic for driving the MOSFET via a microcontroller
if sensor_input > threshold:
apply_voltage_to_gate(10V) # Fully saturates the MOSFET for lowest resistance
else:
pull_gate_to_ground(0V) # Turns the MOSFET off
```
- ⤷
What are the cooling requirements for the IRFP048NPBF when running at 64A?
- ⤷ Can this MOSFET be driven directly by a 3.3V microcontroller?
- ⤷ What is the difference between IRFP048N and IRFP048NPBF?