IRFP150VPBF
AI

The **IRFP150VPBF** is a high-power N-Channel Enhancement Mode Power MOSFET. It is widely used in power electronics due to its ability to handle high current and high voltage while maintaining low on-resistance.
---
### 1. Key Technical Specifications
The following table highlights the primary electrical characteristics of the IRFP150VPBF:
| Parameter | Symbol | Value |
| :--- | :--- | :--- |
| **Drain-to-Source Voltage** | $V_{DSS}$ | 100 V |
| **Continuous Drain Current** | $I_D$ | 42 A (at 25°C) |
| **Static Drain-to-Source On-Resistance** | $R_{DS(on)}$ | 0.028 Ω (max) |
| **Total Gate Charge** | $Q_g$ | 110 nC |
| **Power Dissipation** | $P_D$ | 160 W |
| **Operating Temperature** | $T_J$ | -55 to +175 °C |
| **Package Type** | TO-247AC | Through-hole |
---
### 2. Physical Structure and Pinout
The IRFP150VPBF is housed in a **TO-247** package, which is designed for easy mounting to heat sinks to manage thermal dissipation.
1. **Gate (G):** Controls the switching state of the MOSFET.
2. **Drain (D):** The terminal where current enters (connected to the load).
3. **Source (S):** The terminal where current exits (connected to ground/negative).
---
### 3. Key Features
* **Low $R_{DS(on)}$:** The low resistance during conduction reduces power loss as heat, increasing efficiency.
* **High dV/dt Ruggedness:** It can withstand rapid changes in voltage across the device without failing.
* **Repetitive Avalanche Rated:** The device can handle brief voltage spikes beyond its rating without immediate damage (within specific energy limits).
* **Lead-Free (PBF):** The "PBF" suffix indicates that the part is RoHS compliant and lead-free.
---
### 4. Common Applications
Due to its robust power handling, the IRFP150VPBF is commonly found in:
* **DC/DC Converters:** High-frequency switching for power supplies.
* **Motor Controllers:** Speed and torque control for DC motors.
* **Uninterruptible Power Supplies (UPS):** Managing high-current battery discharge.
* **Audio Amplifiers:** Used in the output stages of high-power Class D amplifiers.
* **Solar Inverters:** Converting DC power from panels to AC power.
---
### 5. Simple Switching Logic
To use this N-channel MOSFET as a switch, the following logic is applied:
| Gate Voltage ($V_{GS}$) | State | Channel Behavior |
| :--- | :--- | :--- |
| **0V to 4V** | OFF | The channel is closed; no current flows. |
| **10V (Typical)** | ON | The channel is fully open; current flows freely. |
- ⤷
What is the difference between IRFP150 and IRFP150VPBF?
- ⤷ How do I calculate the heat sink requirements for this MOSFET?
- ⤷ What are the recommended gate driver circuits for high-speed switching with this part?