データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • IRS060-R53VC10

  • AI
    The **IRS060-R53VC10** is a specific technical assembly part number, typically associated with **Industrial Servo Motors** or **Rotary Resolvers** (often used in Mitsubishi or similar industrial automation systems). Below is a breakdown of the electronic components and functional characteristics typical of this series. --- ### 1. Component Overview This part generally functions as a **high-precision feedback device**. Its primary purpose is to report the position, speed, and direction of a motor shaft to the servo drive. | Component Type | Description | | :--- | :--- | | **Housing** | Ruggedized aluminum or alloy casing for EMI shielding. | | **Stator/Rotor** | Electromagnetic coils used to induce signals for position sensing. | | **Connector** | Typically a multi-pin industrial circular connector (MS-type). | | **Internal Circuitry** | Signal conditioning PCB that converts raw analog waves into digital-ready feedback. | --- ### 2. Technical Specifications While exact specifications can vary by manufacturer (e.g., Tamagawa Seiki or Mitsubishi), the "R53" designation usually refers to the **transformation ratio** or the **mounting flange style**. | Specification | Typical Value | | :--- | :--- | | **Voltage Input** | 5V to 10V AC (Excitation) | | **Signal Type** | Sine / Cosine (Analog) or Serial (Digital) | | **Operating Temperature** | -20°C to +100°C | | **Speed Rating** | Up to 10,000 RPM | | **Protection Class** | IP65 or higher (Dust and Water resistant) | --- ### 3. Electronic Working Principle The IRS060 series operates on the principle of **Electromagnetic Induction**: 1. **Excitation:** An AC voltage is applied to the primary winding (Stator). 2. **Modulation:** As the rotor turns, it changes the magnetic coupling between the primary and secondary windings. 3. **Feedback Output:** Two output signals (Sine and Cosine) are generated. The phase difference between these signals allows the Servo Drive to calculate the **absolute position** of the motor shaft. --- ### 4. Common Applications * **CNC Machinery:** For high-precision axis control. * **Robotic Arms:** Ensuring repeatable movement in 6-axis systems. * **Injection Molding:** High-torque, high-heat environments where standard encoders might fail. --- ### 5. Wiring Pinout (General) *Note: Always refer to the specific wiring diagram on the motor plate.* ```yaml Pin A: Excitation High (R1) Pin B: Excitation Low (R2) Pin C: Cosine High (S1) Pin D: Cosine Low (S3) Pin E: Sine High (S2) Pin F: Sine Low (S4) ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between a resolver like the IRS060 and an optical encoder?
    • ⤷ How do I troubleshoot a 'Feedback Error' on a servo drive linked to this part?
    • ⤷ Is this specific model compatible with Mitsubishi MR-J2S or MR-J4 series drives?