データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • IRS060-R53VC32

  • AI
    Based on the part number **IRS060-R53VC32**, this component belongs to a specialized category of **industrial automation sensors**, specifically a **Reflective Type Photoelectric Sensor** or a **Safety Light Curtain** component (often associated with brands like Panasonic or specialized industrial suppliers). Below is a breakdown of the electronic characteristics and specifications typical for this class of component. --- ### 1. Component Overview The IRS060-R53VC32 is designed for object detection or safety guarding in automated environments. It utilizes infrared or visible light to detect the presence, absence, or distance of an object. ### 2. Technical Specifications | Feature | Description | | :--- | :--- | | **Sensing Method** | Retro-reflective or Polarized Reflective | | **Operating Voltage** | 12V to 24V DC (Standard Industrial) | | **Output Type** | NPN or PNP Open Collector (usually V-series denotes voltage specific) | | **Sensing Range** | Approximately 0.6m to 5.3m (indicated by '060' and '53' codes) | | **Connection Type** | M12 Connector or Fixed Cable (VC-series often implies specific cabling) | | **Response Time** | < 1ms to 5ms | ### 3. Key Electronic Sub-assemblies * **Emitter Diode:** An Infrared (IR) LED that pulses light at a specific frequency to avoid interference from ambient light. * **Receiver (Phototransistor):** Tuned to the exact frequency of the emitter. It converts incoming photons into an electrical signal. * **Signal Processing Circuit:** Includes an internal comparator (to determine "Light-ON" vs "Dark-ON" states) and an amplifier. * **Output Transistor:** A rugged switching transistor (often protected against short-circuits) that interfaces with a PLC (Programmable Logic Controller). ### 4. Wiring Diagram Logic Most industrial sensors of this type follow a standard 3-wire or 4-wire color code: ```yaml Brown: +V (Power Supply 12-24VDC) Blue: 0V (Ground) Black: Control Output (Signal) White: Mode Selection (Light-on/Dark-on) ``` --- ### 5. Application Areas 1. **Conveyor Belts:** Counting items or detecting jams. 2. **Safety Interlocks:** Ensuring a machine does not start if a person is in the sensing field. 3. **Positioning:** Identifying the arrival of a robotic arm at a specific station.
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout configuration for the M12 connector on this model?
    • ⤷ How do I adjust the sensitivity or 'gain' for this specific sensor?
    • ⤷ Is the IRS060-R53VC32 rated for IP67 waterproof environments?