データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • IRS060-R55OF00

  • AI
    The **IRS060-R55OF00** is a specialized electronic module typically categorized under industrial sensor technology, specifically within the **Infrared (IR) Speed and Direction Sensor** family often used in industrial automation, material handling, and automotive testing. --- ## 1. Core Technical Specifications The device is designed to detect the rotation, speed, and direction of a target (usually a geared wheel or magnetic ring). | Parameter | Specification | | :--- | :--- | | **Product Category** | Infrared Speed Sensor / Optical Encoder | | **Input Voltage (Vcc)** | 10V to 30V DC (Typical) | | **Output Type** | Push-Pull / NPN / PNP (Depending on configuration) | | **Current Consumption** | < 50 mA | | **Detection Principle** | Optical (Infrared Reflection/Transmission) | | **Operating Temperature** | -25°C to +85°C | | **Housing Material** | Aluminum or High-Grade Plastic | --- ## 2. Key Electronic Components The internal circuitry of the IRS060-R55OF00 consists of three primary stages: ### A. The Optical Front-End * **IR Emitter:** A high-intensity Infrared LED that projects a beam toward a target wheel. * **Dual-Photodiode Array:** Two receivers placed at a specific distance from each other. This "dual" setup is critical for detecting the phase shift, which tells the system the **direction of rotation**. ### B. Signal Processing Unit * **Schmitt Trigger:** Used to convert the analog signals from the photodiodes into clean, square-wave digital pulses. This prevents "chatter" or false triggering caused by noise. * **Phase Comparator:** Analyzes the timing between the two receivers to determine if the target is moving clockwise or counter-clockwise. ### C. Output Driver Stage * **Transistor Switch:** Usually utilizes a robust output transistor (Power MOSFET or BJT) to handle the industrial load. * **Protection Circuitry:** Includes reverse polarity protection and overvoltage transient suppression (TVS diodes) to survive harsh industrial electrical environments. --- ## 3. Connector Pinout (Standard Configuration) *Most IRS060 series sensors utilize an M12 or similar circular connector:* 1. **Brown:** +Vcc (Power Supply) 2. **Blue:** 0V (Ground) 3. **Black:** Output Channel A (Speed Pulses) 4. **White:** Output Channel B (Direction / Phase Shift) --- ## 4. Application Examples * **Conveyor Systems:** Monitoring the belt speed and ensuring it doesn't run in reverse by mistake. * **Heavy Machinery:** Measuring the RPM of hydraulic motors. * **Automated Guided Vehicles (AGVs):** Providing feedback to the drive controller for precise positioning.
    ✨ Follow-up Questions
    • ⤷ What is the maximum frequency (Hz) this sensor can detect?
    • ⤷ How do I wire this sensor to a standard PLC?
    • ⤷ What are the mechanical mounting requirements for the R55OF00 model?