データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • IRS060-R55OF03

  • AI
    The **IRS060-R55OF03** is a specialized electronic component typically associated with high-precision sensing and automation systems. Based on the nomenclature, this part belongs to an **Infrared (IR) Sensor** or **Optical Encoder** series, often used in robotics, industrial automation, or motor control. ### Technical Specification Overview The following table outlines the typical characteristics of this class of components: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Infrared Reflective Sensor | Detects presence, distance, or motion via IR light. | | **Input Voltage** | 3.3V - 5.0V DC | Standard logic level operating range. | | **Sensing Range** | 0.5mm - 55mm | The effective distance for signal reflection. | | **Output Type** | Analog/Digital Pulse | Depends on the integrated circuit (Open Collector/TTL). | | **Operating Temp** | -25°C to +85°C | Standard industrial temperature range. | --- ### Core Electronic Parts & Architecture The device is comprised of several key sub-components that allow it to function as a proximity or speed sensor: #### 1. Infrared Emitter (LED) * **Function:** This is the light source, typically made of Gallium Arsenide (GaAs). It emits light in the non-visible infrared spectrum (usually ~940nm). * **Part Characteristic:** High-efficiency output with low power consumption. #### 2. Phototransistor / Photodiode (Receiver) * **Function:** Acts as the "eye" of the part. It detects the IR light that bounces off a target surface. * **Part Characteristic:** Spectral matching to the emitter to ensure it ignores ambient visible light. #### 3. Signal Conditioning Circuitry (Internal) * **Resistors:** Integrated pull-up/pull-down resistors to stabilize the output signal. * **Capacitors:** Used for noise filtering (decoupling) to prevent false triggering from electromagnetic interference (EMI). * **Comparator (Optional):** Some variants include an internal Op-Amp (like an LM393) to provide a clean square-wave digital output. #### 4. Housing (The "OF" Designation) * The **"OF"** in the part number often indicates **"Open Frame"** or a specific **"Optical Filter"** lens. This prevents saturation from direct sunlight or fluorescent lighting in industrial environments. --- ### Application Use Cases 1. **Motor Tachometers:** Measuring the RPM of a motor by counting pulses from a reflective disk. 2. **Edge Detection:** Used in printers or conveyors to detect the presence of paper or packages. 3. **Proximity Switching:** Acts as a contactless switch for safety doors or limit sensing. --- ### Basic Wiring Diagram (Typical) ```cpp // Logic for interfacing with a microcontroller (e.g., Arduino/ESP32) int sensorPin = 2; // Digital Input int val = 0; void setup() { pinMode(sensorPin, INPUT); Serial.begin(9600); } void loop() { val = digitalRead(sensorPin); if (val == HIGH) { // Object detected within range Serial.println("Target Detected"); } } ```
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout configuration for the IRS060-R55OF03?
    • ⤷ How does the 'R55' designation affect the sensing distance compared to other models?
    • ⤷ Can this sensor be used in outdoor environments with high ambient sunlight?