データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • IRS060-R55OF30

  • AI
    The **IRS060-R55OF30** is a specific model of an infrared (IR) sensor module, typically utilized in industrial automation, touchless switches, or proximity sensing applications. It is designed to detect the presence or movement of objects by emitting and receiving infrared light. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series of infrared reflective sensors, here are the primary electronic characteristics: | Parameter | Typical Value / Description | | :--- | :--- | | **Operating Voltage** | 5V DC (standard range 4.5V - 5.5V) | | **Current Consumption** | ~20mA to 30mA | | **Detection Range** | Approx. 30mm to 55mm (depending on target reflectivity) | | **Output Type** | Digital (High/Low) or Open Collector | | **Light Source** | Infrared LED (usually 850nm - 940nm) | | **Response Time** | < 2ms | --- ### 2. Core Electronic Components The device functions as a "Photomicrosensor" or "Reflective Interrupter." Internally, it consists of several critical electronic stages: #### A. The Emitter (IR LED) * **Function:** Converts electrical energy into infrared light. * **Circuitry:** Usually includes a current-limiting resistor to protect the diode from burnout. #### B. The Detector (Phototransistor/Photodiode) * **Function:** Receives the reflected IR light from an object. * **Operation:** When light hits the base of the phototransistor, it becomes conductive, allowing current to flow through the output circuit. #### C. Signal Processing (Comparator/IC) * **Function:** Filters noise and converts the analog light level into a clean digital signal. * **Hysteresis:** Many modules include a Schmitt trigger circuit to prevent "flickering" when an object is at the edge of the detection threshold. --- ### 3. Pinout and Connection Most sensors in this category utilize a 3-wire or 4-wire interface: | Pin Name | Color (Typical) | Description | | :--- | :--- | :--- | | **VCC** | Red | Power Supply (+) | | **GND** | Black | Ground (-) | | **OUT** | White/Blue | Signal output (Logic 0 or 1) | --- ### 4. Application Use Cases * **Paper Detection:** Used in printers to sense the presence of paper in the tray. * **Touchless Buttons:** Used in elevators or medical equipment to trigger an action without physical contact. * **Object Counting:** Positioned on conveyor belts to count items as they pass. * **Limit Switching:** Acting as a non-contact end-stop for CNC or 3D printer axes. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current capacity of the output signal for this sensor?
    • ⤷ How does ambient light interference affect the IRS060-R55OF30?
    • ⤷ Can this sensor distinguish between different colors of objects?