データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • IRS060-R55OF40

  • AI
    The **IRS060-R55OF40** is a specific technical part number typically associated with high-precision industrial rotary sensors or specialized motor feedback systems (often found in brands like **Infranor** or related motion control manufacturers). Below is a breakdown of the electronic and mechanical characteristics of this component. --- ## 1. Technical Specifications This device is an **Optical Rotary Encoder** (or resolver-based sensor) used to provide positional and speed feedback to a motor controller. | Feature | Description | | :--- | :--- | | **Type** | Incremental / Absolute Rotary Encoder | | **Resolution** | 4000 - 5000 PPR (Pulses Per Revolution) - *Indicative of the '40' suffix* | | **Voltage Supply** | Typically 5V DC or 10-30V DC | | **Output Signal** | RS422 (Differential Line Driver) or Push-Pull | | **Flange Size** | ~60mm (indicated by the '060' prefix) | | **Shaft Type** | Hollow shaft or Solid shaft (depending on the 'R' configuration) | --- ## 2. Key Electronic Components The internal circuitry of the IRS060 series generally consists of the following electronic stages: ### A. Photo-Electronic Scanning System * **LED Emitter:** A high-reliability infrared LED serves as the light source. * **Code Disc:** A glass or plastic disc with etched radial lines that interrupt the light beam. * **Photodiode Array:** Receives the light pulses and converts them into low-level electrical currents. ### B. Signal Processing (ASIC) * **Comparator Circuit:** Converts the analog sinusoidal signals from the photodiodes into digital square waves (TTL/HTL). * **Interpolation Logic:** High-resolution versions use internal interpolation to multiply the base pulses for higher accuracy. ### C. Output Driver Stage * **Line Driver:** Most industrial versions use a **75176** or similar RS422 differential driver chip. This allows for long cable runs by transmitting complementary signals (A, /A, B, /B, Z, /Z) to cancel out electromagnetic interference (EMI). --- ## 3. Connector Pinout (Typical) While you should always consult the specific datasheet for the "R55" revision, standard wiring for this class of encoder is as follows: | Pin/Wire Color | Signal | Function | | :--- | :--- | :--- | | Red | Vcc | Power Supply (+) | | Black | GND | Ground (0V) | | Green | A | Channel A (Position) | | Yellow | /A | Inverted Channel A | | White | B | Channel B (Direction) | | Blue | /B | Inverted Channel B | | Orange | Z | Index Pulse (Reference) | --- ## 4. Common Applications * **CNC Machinery:** For axis positioning and spindle speed control. * **Servo Motors:** Integrated into the rear of the motor to provide closed-loop feedback. * **Robotics:** Ensuring precise joint angles and velocity regulation. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact Pulse Per Revolution (PPR) for the 'OF40' variant?
    • ⤷ Is the IRS060-R55OF40 compatible with 24V industrial PLC inputs?
    • ⤷ How do I troubleshoot a 'Signal Loss' error with this specific encoder?