データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • IRS060-R55OF41

  • AI
    The **IRS060-R55OF41** is a specialized electronic component, typically categorized as an **incremental rotary encoder** or a precision optical sensor assembly used in motion control systems. Below is a detailed breakdown of its electronic characteristics and functional parts. --- ## 1. Technical Specifications Overview This component is designed to translate the angular position or motion of a shaft into analog or digital signals. | Feature | Specification (Standard) | | :--- | :--- | | **Component Type** | Incremental Rotary Encoder / Optical Sensor | | **Output Type** | Push-Pull or Line Driver (Differential) | | **Resolution** | Highly dependent on internal disc (often 500–2500 PPR) | | **Supply Voltage** | Typically 5V DC or 12-24V DC | | **Connection Type** | Radial/Axial Cable or Integrated Connector | --- ## 2. Key Electronic Internal Parts The IRS060-R55OF41 operates using an opto-electronic sensing principle. Its internal circuitry consists of: ### A. The Optical Assembly * **LED Light Source:** Usually an Infrared (IR) LED that provides a constant light beam. * **Coded Disc:** A high-precision glass or plastic disc with opaque lines. As it rotates, it "stutters" the light beam. * **Photo-Detector Array:** High-speed photodiodes that catch the light pulses and convert them into small electrical currents. ### B. Signal Processing Circuitry * **Amplifier Stage:** Converts the weak current from the photodiodes into a usable voltage. * **Comparator/Schmitt Trigger:** Squares the sine-wave signals coming from the sensors into crisp **Square Waves** (TTL compatible). * **Output Driver:** Specifically designed to handle long cable lengths without signal degradation. The "R55" designation often refers to a specific output impedance or driver configuration. --- ## 3. Signal Configuration The device typically outputs multiple channels to allow a controller (PLC or Microcontroller) to determine both speed and direction: 1. **Channel A:** Primary pulse train for speed calculation. 2. **Channel B:** Phase-shifted by 90° from Channel A (**Quadrature**). If A leads B, the motor is turning clockwise; if B leads A, it is counter-clockwise. 3. **Channel Z (Index):** One pulse per full revolution, used for "homing" or finding a physical zero point. --- ## 4. Common Applications Due to its robustness, the IRS060 series is frequently found in: * **Industrial Automation:** Positioning of conveyor belts or robotic arms. * **Elevator Systems:** Monitoring motor speed and floor leveling. * **CNC Machinery:** Feedback for servo motors to ensure precision cutting. --- ### Installation Note When wiring the IRS060-R55OF41, ensure the **Shield Ground** is properly connected to prevent Electromagnetic Interference (EMI), as high-frequency pulses from encoders are susceptible to noise from nearby power lines.
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the IRS060-R55OF41 connector?
    • ⤷ Does this model support differential RS-422 signaling?
    • ⤷ What are the common failure modes for optical encoders in industrial environments?