データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • IRS080-R11VF41

  • AI
    The **IRS080-R11VF41** is a specialized high-performance sensor module, typically categorized as a **Long-Range Infrared (PIR) or Thermal Motion Sensor**, often used in security, smart building automation, and industrial detection systems. Below is a breakdown of its electronic components and technical specifications. --- ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Detection Principle** | Passive Infrared (PIR) | | **Supply Voltage** | Typically 3.0V to 5.5V DC | | **Output Type** | Digital Logic (High/Low) or Analog Output | | **Detection Range** | Up to 8-12 meters (depending on lens configuration) | | **Sensitivity** | High (Optimized for human body thermal detection) | | **Housing** | Compact surface mount or connectorized module | --- ### 2. Core Electronic Architecture The module consists of several critical sub-components that work together to process thermal signals: #### A. Pyroelectric Ceramic Element The heart of the part is a pyroelectric sensor chip. When infrared radiation (heat) from a human body enters the sensor, it creates a temporary electrical charge on the surface of the ceramic crystal. #### B. Fresnel Lens (Optical Part) The "VF41" designation often refers to the specific optical window or lens geometry. This lens focuses IR energy onto the sensor elements and determines the **Field of View (FOV)** and detection zones. #### C. Signal Processing IC (ASIC) Internal to the module is an Application Specific Integrated Circuit that performs: * **Amplification:** Boosting the micro-volt signals from the pyro-element. * **Filtering:** Removing high-frequency noise and low-frequency thermal drifts (like sunlight or heaters). * **Window Comparator:** Determining if the signal is strong enough to trigger an "Occupancy" state. --- ### 3. Pinout and Connection Typicality While specific datasheets may vary by manufacturer (often associated with brands like Panasonic or specialized Japanese electronics firms), the standard interface follows this logic: 1. **VDD (Power):** Positive supply input. 2. **GND (Ground):** Common reference point. 3. **OUT (Signal):** Usually a digital output that pulses high when motion is detected. 4. **ADJ (Optional):** Some variants include a pin for sensitivity or delay time adjustment via external resistors. --- ### 4. Application Use-Cases * **Smart Lighting:** Automating LED panels in offices. * **Security Systems:** Intrusion detection in alarm panels. * **HVAC Control:** Reducing energy consumption when rooms are unoccupied. * **IoT Devices:** Battery-powered wake-up triggers for cameras. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current consumption for the IRS080-R11VF41?
    • ⤷ How does the VF41 lens compare to other lens types in the IRS series?
    • ⤷ Is this module compatible with 3.3V logic microcontrollers like ESP32 or STM32?