データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • IRS080-R11WF33

  • AI
    The **IRS080-R11WF33** is a high-performance, long-range infrared (IR) sensor module, typically utilized in industrial automation, distance measurement, and safety light curtains. Below is a detailed breakdown of its electronic components and specifications. --- ### 1. Key Technical Specifications The device operates on an optical principle, using a synchronized transmitter and receiver array to detect objects or measure distances. | Parameter | Description | | :--- | :--- | | **Operating Voltage** | Typically 24V DC (Common for industrial sensors) | | **Sensing Range** | Up to 8 meters (model dependent) | | **Output Type** | PNP or NPN (Selectable) | | **Response Time** | < 20ms | | **Housing Material** | Aluminum Alloy / Polycarbonate | | **Protection Rating** | IP65 or IP67 (Dust and Water resistant) | --- ### 2. Core Electronic Components The internal circuitry consists of several critical stages to ensure accurate detection and noise immunity. #### A. The Optical Array (Emitter & Receiver) * **IR Emitter Diode:** High-intensity Gallium Arsenide (GaAs) LEDs that pulse at a specific frequency to avoid interference from ambient sunlight. * **Phototransistor/Photodiode:** The receiver end, tuned to the specific wavelength of the emitter (usually 850nm - 940nm). #### B. Signal Processing Unit (ASIC) * **Modulator:** Converts the electrical signal into a pulsed light signal. * **Demodulator/Filter:** Filters out "noise" (like flickering overhead lights) and only processes signals matching the emitter's frequency. * **Microcontroller:** Analyzes the interruption of beams to determine object presence or distance. #### C. Output Interface * **Switching Transistor:** A robust transistor (PNP/NPN) that handles the load to a PLC (Programmable Logic Controller). * **Protection Circuitry:** Includes Reverse Polarity Protection and Overcurrent Protection to prevent damage during installation errors. --- ### 3. Connection Pinout (Typical) Most sensors in this series follow a standard M12 or M8 connector wiring convention: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | +VCC | Positive Power Supply (12-24V) | | **Blue** | 0V / GND | Negative Power Supply | | **Black** | Output (NO) | Normally Open signal output | | **White** | Output (NC) | Normally Closed signal or Teach-in | --- ### 4. Application Logic The IRS080-R11WF33 operates on a **Through-Beam** or **Retro-reflective** principle. 1. The **Emitter** sends an IR beam. 2. The **Receiver** monitors the beam intensity. 3. If an object breaks the beam, the internal **Comparator** triggers the output transistor. 4. The **WF33** suffix often denotes a specific lens type or wide-field frequency modulation to prevent "cross-talk" between two sensors mounted close together.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current load for the PNP output on this sensor?
    • ⤷ Does this model support IO-Link communication for digital diagnostics?
    • ⤷ How do I adjust the sensitivity or 'Teach' the sensor for specific environments?