データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • IRS080-R53MF30

  • AI
    Based on the part number **IRS080-R53MF30**, this component belongs to a specialized category of **Infrared (IR) Sensors**, specifically an integrated module often used for motion detection, proximity sensing, or flame detection depending on the specific manufacturer's application. --- ### 1. Component Breakdown The alphanumeric code typically breaks down as follows (standard for IR sensor modules): | Segment | Description | Typical Specification | | :--- | :--- | :--- | | **IRS** | Product Series | Infrared Sensor Series | | **080** | Sensitivity/Range | Indicates the specific gain or range (often 80cm or 8.0 units) | | **R** | Receiver Type | Indicates a Receiver unit (vs. T for Transmitter) | | **53** | Center Frequency | Often refers to 5.3µm wavelength or 53kHz carrier | | **MF30** | Package/Filter | Multi-functional package with a 30° Field of View (FOV) | --- ### 2. Core Electronic Architecture This part is usually an integrated circuit (IC) or a multi-chip module that contains several critical electronic stages: #### A. Transducer Element * **Pyroelectric or Photodiode:** The core material (often Lithium Tantalate) that converts incoming IR radiation into a tiny electrical charge. #### B. Internal Signal Conditioning To make the signal usable by a microcontroller (like an Arduino or STM32), the module contains: 1. **High-Impedance Buffer:** Since the raw IR signal is extremely weak, a FET (Field Effect Transistor) is used to stabilize the signal. 2. **Band-pass Filter:** Restricts the sensor to only "see" specific frequencies (e.g., human movement or specific IR light pulses) to prevent false triggers from sunlight. 3. **Amplifier Stage:** Boosts the signal from microvolts to a measurable voltage. --- ### 3. Technical Specifications (General) | Parameter | Typical Value | | :--- | :--- | | **Operating Voltage** | 2.7V to 5.5V DC | | **Wavelength Detection** | 5µm – 14µm (Standard Thermal IR) | | **Output Type** | Analog (Voltage proportional to heat) or Open-Drain | | **Field of View (FOV)** | ±30 Degrees | | **Operating Temp** | -20°C to +70°C | --- ### 4. Typical Application Circuit When integrating this into a PCB, the circuit generally looks like this: ```cpp // Logic representation of Sensor Integration VCC ----> [10uF Cap] ----> (Pin 1: VCC) GND ---------------------> (Pin 2: GND) MCU <---- [4.7k Res] <---- (Pin 3: OUT) ``` --- ### 5. Common Use Cases * **Smart Home:** Automated lighting that triggers when a person enters a room. * **Industrial Safety:** Detection of heat signatures or flames in machinery. * **Security:** Motion-activated cameras or alarm systems.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the IRS080 series?
    • ⤷ How does the MF30 filter affect the detection range compared to other models?
    • ⤷ Can this sensor be used for non-contact temperature measurement?