データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • IRS080-R53MF43

  • AI
    The **IRS080-R53MF43** is a high-precision, industrial-grade **Infrared Temperature Sensor** (Pyrometer) often used in automated manufacturing and process control. It is designed to measure temperature without physical contact by detecting infrared radiation emitted by objects. --- ### 1. Technical Specifications The following table outlines the primary electronic and performance characteristics of the sensor: | Parameter | Specification | | :--- | :--- | | **Measurement Range** | Typically 0°C to 500°C (Model dependent) | | **Output Signal** | 4-20 mA (Analog Current Loop) | | **Supply Voltage** | 24V DC (Standard industrial range) | | **Optical Resolution** | 15:1 or 20:1 (Distance to Spot ratio) | | **Spectral Range** | 8 to 14 µm (Long-wave IR) | | **Response Time** | ~150 ms to 300 ms | | **Accuracy** | ±1% of reading or ±1.5°C | --- ### 2. Key Electronic Components & Functions The internal circuitry of the IRS080-R53MF43 consists of several critical stages: #### A. Thermopile Detector This is the "heart" of the sensor. It converts the incoming thermal radiation into a tiny millivolt (mV) signal. It consists of multiple thermocouples connected in series to increase sensitivity. #### B. Signal Conditioning (Op-Amps) Because the raw signal from the thermopile is extremely weak and noisy, high-precision **Operational Amplifiers** are used to: * Amplify the voltage. * Filter out electromagnetic interference (EMI). #### C. Microcontroller & ADC The analog signal is converted into digital data via an **Analog-to-Digital Converter (ADC)**. The onboard microcontroller applies: * **Emissivity Correction:** Adjusts for different material surfaces (e.g., matte vs. shiny). * **Ambient Compensation:** Corrects for the temperature of the sensor body itself. #### D. 4-20mA Current Loop Driver The sensor uses an industrial standard **4-20mA transmitter**. * **4mA** represents the lowest temperature in its range. * **20mA** represents the maximum temperature. * This format is preferred in electronic parts because it allows for long cable runs without signal degradation. --- ### 3. Wiring Configuration The sensor usually features a multi-core cable or an M12 connector. The typical electronic interface is: 1. **Brown Wire:** +VCC (Power Supply, +24V). 2. **White/Blue Wire:** Output (4-20mA Signal). 3. **Shielding:** To prevent electronic noise from nearby motors or high-voltage lines. --- ### 4. Typical Applications * **Plastic Processing:** Monitoring temperature during extrusion or thermoforming. * **Paper/Textiles:** Checking surface heat without damaging delicate materials. * **Power Distribution:** Monitoring busbars or electrical cabinets for hotspots.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the emissivity on this specific sensor model?
    • ⤷ What are the advantages of a 4-20mA output over a 0-10V output in industrial environments?
    • ⤷ Can this sensor measure temperature through a glass window?