データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • IRS080-R53OF22

  • AI
    The **IRS080-R53OF22** is a specialized high-performance industrial imaging component, typically identified as a **Short-Wave Infrared (SWIR)** InGaAs (Indium Gallium Arsenide) sensor or camera module. These sensors are designed to detect light wavelengths beyond the visible spectrum, usually in the **900nm to 1700nm** range. --- ### Technical Specifications Overview Based on the model nomenclature commonly used in industrial imaging, here are the likely technical specifications for this part: | Feature | Specification (Typical) | | :--- | :--- | | **Sensor Type** | InGaAs (Indium Gallium Arsenide) | | **Resolution** | 640 x 512 pixels (VGA Class) | | **Pixel Pitch** | 15µm - 20µm (model dependent) | | **Spectral Range** | 0.9µm to 1.7µm (SWIR) | | **Frame Rate** | Up to 100+ FPS (High Speed) | | **Interface** | Often Camera Link or GigE Vision | | **Cooling** | Often includes TEC (Thermoelectric Cooling) | --- ### Key Electronic Components & Subsystems The internal architecture of a module like the IRS080-R53OF22 consists of several critical electronic stages: #### 1. The Focal Plane Array (FPA) This is the "heart" of the device. It consists of the InGaAs photosensitive material hybridized (bonded) to a **Read-Out Integrated Circuit (ROIC)**. * **Function:** Converts infrared photons into electronic signals. * **Characteristic:** High quantum efficiency in the SWIR band. #### 2. Thermoelectric Cooler (TEC) SWIR sensors are sensitive to thermal noise (dark current). * **Electronics:** A Peltier element driven by a closed-loop temperature controller. * **Purpose:** Keeps the sensor at a constant, low temperature to ensure image stability and low noise. #### 3. Analog-to-Digital Conversion (ADC) * **Function:** The raw analog voltages from the ROIC are converted into digital data (usually 12-bit or 14-bit depth). * **Impact:** Determines the dynamic range and the ability to see detail in very dark or very bright areas of the IR image. #### 4. FPGA / Image Processor * **Function:** Handles Non-Uniformity Correction (NUC), Bad Pixel Replacement (BPR), and frame timing. * **Interface:** Manages the communication protocol (e.g., LVDS or CMOS parallel) to send data to the host computer. --- ### Common Applications Because this part operates in the SWIR spectrum, it interacts with materials differently than visible light cameras: * **Silicon Wafer Inspection:** SWIR light can pass through silicon, allowing the sensor to "see" through wafers to detect internal defects. * **Moisture Detection:** Water strongly absorbs SWIR light (appearing black), making it ideal for detecting bruises in fruit or moisture levels in textiles. * **Surveillance:** Capable of seeing through haze, smoke, and light fog better than visible cameras. * **Sorting:** Used in plastic recycling to differentiate between different polymer types. --- ### Typical Pinout / Interface Structure While specific datasheets are proprietary, these modules generally follow a standard industrial pinout: ```yaml Power: +5V or +12V DC Input Control: RS-232 or I2C (for exposure/gain settings) Data: - Differential Pairs (for high-speed data) - Pixel Clock (Sync) - Frame/Line Valid signals ```
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of InGaAs sensors over standard CMOS sensors?
    • ⤷ How is Non-Uniformity Correction (NUC) applied to SWIR imaging data?
    • ⤷ What type of lens mount is typically compatible with the IRS080 series?