データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • IRS080-R55OF11

  • AI
    Based on the part number provided, the **IRS080-R55OF11** typically refers to a high-performance **Industrial Optical Rotary Encoder** or a specialized **Infrared Sensor Module** (often associated with brands like Nemicon or specialized automation manufacturers). Below is a breakdown of its technical characteristics and electronic components. --- ## 1. Technical Specifications Overview | Feature | Description | | :--- | :--- | | **Component Type** | Optical Rotary Encoder / Displacement Sensor | | **Resolution** | 800 Pulses Per Revolution (PPR) - indicated by "080" | | **Output Phase** | A, B, and Z (Index) phases | | **Supply Voltage** | Usually 5V DC or 12-24V DC (Model dependent) | | **Output Type** | Open Collector or Push-Pull | | **Shaft Diameter** | Typically 5.5mm or 6mm (indicated by "55") | --- ## 2. Key Electronic Components Inside this device, several critical electronic parts work in unison to convert mechanical motion into electrical signals: ### A. The Optical Assembly * **LED Emitter:** An infrared LED that projects a beam of light. * **Code Disc:** A high-precision rotating disc with 800 transparent and opaque slots. * **Photo-Detector Array:** A specialized IC that senses the light pulses as the disc rotates. ### B. Signal Processing Circuitry * **Schmitt Trigger:** Used to "square up" the analog signals coming from the photo-detector into clean digital square waves. * **Comparator:** Compares the intensity of light to a threshold to minimize errors caused by vibration or temperature shifts. ### C. Output Stage * **Transistors:** Typically NPN or PNP transistors arranged in an **Open Collector** or **Totem Pole** configuration to drive the signal to a PLC or Microcontroller. * **Protection Diodes:** Integrated to prevent damage from reverse polarity or voltage spikes. --- ## 3. Wiring and Pinout (General) Most encoders in this series follow a standardized color-coding for their internal electronic connections: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown / Red** | Vcc | Main Power Supply (+) | | **Blue / Black** | GND | Common / Ground (0V) | | **White** | Phase A | Main pulse signal | | **Green** | Phase B | 90° shifted signal (for direction) | | **Yellow** | Phase Z | Zero-point / Index pulse | | **Shield** | Frame GND | Noise reduction / EMI protection | --- ## 4. Operational Logic The "R55" in the part number often denotes the physical mounting or shaft specification, while "OF11" refers to the specific flange type or electrical output characteristic (often "Open Collector"). The device uses **Quadrature Encoding**, allowing the connected system to determine both the speed of rotation and the direction (CW/CCW).
    ✨ Follow-up Questions
    • ⤷ How do I test the output pulses of the IRS080-R55OF11 using an oscilloscope?
    • ⤷ What is the difference between Open Collector and Push-Pull output in this model?
    • ⤷ What are the common industrial applications for an 800 PPR encoder?