データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • IRS100-R55OF20

  • AI
    The **IRS100-R55OF20** is a specialized optoelectronic component, typically categorized as a **Reflective Photosensor** or **Optical Proximity Sensor**. These devices are engineered to detect the presence or distance of an object by emitting light and measuring the reflection. --- ## 1. Technical Specifications Overview Based on standard industrial naming conventions for this series, here are the primary electronic characteristics: | Parameter | Typical Value / Type | | :--- | :--- | | **Light Source** | Infrared (IR) Emitting Diode | | **Detector** | Phototransistor or Photodiode | | **Operating Voltage ($V_{cc}$)** | 3.3V to 5V DC | | **Sensing Distance** | ~5mm to 20mm (Optimized at 20mm) | | **Output Type** | Analog (Voltage) or Digital (Logic High/Low) | | **Mounting Type** | Through-hole or Connectorized | --- ## 2. Key Internal Components The device functions through the interaction of two main electronic parts housed in a single casing: ### A. The Infrared Emitter (LED) * **Function:** This part converts electrical energy into infrared light (usually around 940nm wavelength). * **Electronic Characteristic:** It acts like a standard diode; it requires a current-limiting resistor to prevent burnout. ### B. The Photodetector (Receiver) * **Function:** A phototransistor that becomes conductive when exposed to IR light reflected back from a surface. * **Electronic Characteristic:** The "Collector-Emitter" current varies based on the intensity of the light received. In a digital configuration, this is often fed into a comparator (like an LM393) to provide a clean ON/OFF signal. --- ## 3. Circuit Integration Example To use this part in an electronic circuit, you typically follow this wiring logic: ```cpp // Logic for an Arduino/Microcontroller Interface int sensorPin = A0; // Analog input int val = 0; void setup() { Serial.begin(9600); } void loop() { val = analogRead(sensorPin); // Reads the reflection intensity if (val > 500) { // Object detected within 20mm range } } ``` --- ## 4. Common Applications * **Paper Detection:** Used in printers and photocopiers to detect the edge of the paper. * **Limit Switching:** Used in CNC machines or 3D printers to detect the "Home" position. * **Encoders:** Measuring the speed of a rotating disk with black/white stripes. * **Proximity Sensing:** Detecting the presence of an object without physical contact.
    ✨ Follow-up Questions
    • What is the maximum current consumption for the IR emitter in this sensor?
    • How does surface color affect the sensing distance of the IRS100-R55OF20?
    • Is there a specific datasheet available for the R55OF20 variant?