データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • IRS120-R11MF02

  • AI
    The **IRS120-R11MF02** is a high-performance infrared (IR) sensor module, typically utilized in industrial automation and safety systems. It is part of the IRS series designed for non-contact detection and distance measurement. --- ### 1. Key Technical Specifications The following table outlines the core electronic and physical parameters of the module: | Feature | Specification | | :--- | :--- | | **Input Voltage** | 24V DC (Typical range: 18V - 30V) | | **Output Type** | PNP/NPN Selectable (often Push-Pull) | | **Sensing Range** | Up to 2.0 meters (adjustable) | | **Response Time** | < 10ms | | **Light Source** | Infrared LED (Modulated) | | **Protection Rating** | IP67 (Dust tight and water immersion) | | **Connection Type** | M12 Connector (4-pin) | --- ### 2. Core Electronic Components The internal architecture of the IRS120-R11MF02 consists of several critical stages: 1. **Optical Emitter Stage:** * Uses a modulated infrared LED to emit pulses. Modulation ensures the sensor can distinguish its own light from ambient light or sunlight. 2. **Receiver (Photodiode) Stage:** * A high-sensitivity photodiode captures the reflected IR signal. It includes an integrated optical filter to block visible light interference. 3. **Signal Processing Unit (ASIC):** * An internal Application-Specific Integrated Circuit (ASIC) performs amplification, noise filtering, and threshold comparison. 4. **Output Driver:** * A robust transistor-based output stage (usually MOSFET) that handles the switching load for PLCs or relays. --- ### 3. Pinout Configuration (M12 Connector) Standard wiring for this module generally follows the industrial color code: | Pin Number | Wire Color | Function | | :--- | :--- | :--- | | 1 | Brown | +Vcc (Power Supply) | | 2 | White | Teach-in / Mode Select | | 3 | Blue | 0V (GND) | | 4 | Black | Switching Output (Signal) | --- ### 4. Features and Functional Advantages * **Background Suppression:** This model often features advanced background suppression, allowing it to detect dark objects in front of bright backgrounds without false triggering. * **Short Circuit Protection:** The output stage is electronically protected against wiring errors and overcurrent. * **LED Indicators:** Equipped with high-visibility LEDs (usually Green for Power/Stability and Yellow for Output State) to assist in alignment and troubleshooting. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the IRS120-R11MF02?
    • ⤷ How do you perform the 'Teach-in' procedure for this sensor?
    • ⤷ Can this sensor be used in environments with high ambient light interference?