ISC026N03L5S-TP
AI

The **ISC026N03L5S-TP** is a high-performance N-channel enhancement mode MOSFET manufactured by **Infineon Technologies** (often part of the OptiMOS™ family). It is designed specifically for high-efficiency power conversion and high-speed switching applications.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics of the device:
| Parameter | Symbol | Value |
| :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DS}$ | 30 V |
| **Continuous Drain Current** | $I_D$ | 124 A (at $T_c = 25^\circ C$) |
| **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | 2.6 mΩ (Max @ 10V) |
| **Gate Threshold Voltage** | $V_{GS(th)}$ | 1.2 V to 2.2 V |
| **Total Gate Charge** | $Q_g$ | ~21 nC |
| **Package Type** | - | PG-TDSON-8 (SuperSO8) |
---
### 2. Physical and Packaging Features
The part utilizes the **TDSON-8** package (also known as Power56 or SuperSO8), which offers several advantages for modern electronics:
* **Low Parasitic Inductance:** Crucial for minimizing voltage ringing during high-speed switching.
* **Thermal Efficiency:** The underside thermal pad allows for direct heat dissipation into the PCB.
* **Compact Footprint:** High power density in a small surface-mount area.
---
### 3. Core Technologies
* **OptiMOS™ 5 Technology:** This is Infineon's advanced silicon technology designed to provide the lowest $R_{DS(on)}$ and switching losses (FOM - Figure of Merit).
* **Logic Level Gate Drive:** The low threshold voltage ($V_{GS(th)}$) allows the MOSFET to be fully driven by 4.5V or 5V logic circuits, eliminating the need for high-voltage gate drivers.
---
### 4. Common Applications
Due to its low resistance and fast switching speeds, the ISC026N03L5S-TP is typically used in:
1. **DC-DC Converters:** Buck, boost, and synchronous rectification in computing and telecommunications.
2. **Battery Management Systems (BMS):** For efficient charging and protection circuits.
3. **Motor Control:** Small BLDC motor drives for drones or handheld tools.
4. **Load Switches:** High-efficiency power distribution and Oring FETs.
---
### 5. Summary Table: Pros and Cons
| Feature | Advantage |
| :--- | :--- |
| **Very Low $R_{DS(on)}$** | Reduces conduction losses and improves thermal performance. |
| **Fast Switching** | Reduces switching energy losses ($E_{oss}$), allowing for higher frequency operation. |
| **Lead-Free / RoHS** | Environmentally compliant and suitable for standard SMT reflow. |
- ⤷
What are the equivalent alternative parts for the ISC026N03L5S-TP?
- ⤷ How does the gate charge (Qg) affect the switching frequency in this MOSFET?
- ⤷ Can this MOSFET be used in automotive applications requiring AEC-Q101 certification?