データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ISC0802NLS

  • AI
    The **ISC0802NLS** is an N-Channel enhancement mode Power MOSFET manufactured by **InPower Semiconductor (ISC)**. It is designed for high-efficiency power conversion and high-speed switching applications. --- ### ## Technical Specifications The following table summarizes the primary electrical characteristics of the ISC0802NLS: | Parameter | Symbol | Maximum Rating | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 80 V | | **Continuous Drain Current** | $I_D$ | ~110 A (at $T_C = 25^\circ C$) | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | < 2.5 mΩ (typically) | | **Gate-Source Voltage** | $V_{GS}$ | ±20 V | | **Total Gate Charge** | $Q_g$ | ~75 nC | | **Package Type** | - | PDFN5x6 | --- ### ## Key Features 1. **Low On-Resistance ($R_{DS(on)}$):** Minimizes conduction losses, making it ideal for high-current applications where heat dissipation is a concern. 2. **Logic Level Drive:** It is a "Logic Level" MOSFET, meaning it can be fully turned on with a gate voltage of 4.5V or 5V, allowing it to interface directly with microcontrollers. 3. **High-Speed Switching:** Optimized for high frequency to reduce switching power losses. 4. **Excellent Thermal Performance:** Typically housed in a PDFN5x6 package which provides a small footprint with excellent heat transfer properties. --- ### ## Common Applications The ISC0802NLS is commonly found in the following circuits: * **DC-DC Converters:** Used in synchronous rectification stages to improve efficiency. * **Motor Control:** Ideal for H-bridges and BLDC motor drivers due to high current handling. * **Battery Management Systems (BMS):** Used as a protection switch for charging and discharging. * **Power Tools:** High-current switching in cordless electronic tools. --- ### ## Comparison: Standard vs. Logic Level Below is a brief comparison of why the "L" in ISC0802N**L**S (Logic Level) matters: | Feature | Standard MOSFET | ISC0802NLS (Logic Level) | | :--- | :--- | :--- | | **Threshold Voltage ($V_{GS(th)}$)** | 2V to 4V | 1V to 2.5V | | **Full Turn-on Voltage** | 10V | 4.5V | | **Driving Logic** | Requires Gate Driver | Can be driven by 5V MCU pins | ---
    ✨ Follow-up Questions
    • ⤷What is the thermal resistance (RthJC) for the ISC0802NLS?
    • ⤷ Can I use this MOSFET in a 48V battery system?
    • ⤷ What are the recommended gate driver ICs for PDFN5x6 MOSFETs?