データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ISC75

  • AI
    The **ISC75** refers to a high-performance **Incremental Shaft Encoder** commonly used in industrial automation for motion control, positioning, and speed sensing. Below is a breakdown of its electronic components and technical characteristics. ### 1. Key Electronic Components The internal circuitry of an ISC75 encoder typically consists of three main stages: | Component Category | Description | | :--- | :--- | | **Light Source** | An infrared LED (Light Emitting Diode) that provides a constant beam of light. | | **Optical Disc** | A precision-coded disc (glass or plastic) with transparent and opaque segments that "chops" the light beam. | | **Photo-Sensors** | An array of photodiodes or a specialized IC that converts the light pulses into weak electrical signals. | | **Signal Processing** | A PCB containing operational amplifiers (Op-Amps) and comparators to square the waves and provide TTL/HTL output. | --- ### 2. Output Signals and Waveforms The ISC75 generally provides three channels of output to determine distance, speed, and direction: 1. **Phase A:** Primary pulse train. 2. **Phase B:** Secondary pulse train offset by 90° (Quadrature). This allows the controller to determine the **direction** of rotation. 3. **Phase Z (Index):** A single pulse per revolution used for home positioning or "zeroing." --- ### 3. Technical Specifications Table Typical electronic parameters for an ISC75-style encoder: | Feature | Specification | | :--- | :--- | | **Supply Voltage** | 5V DC (TTL) or 10V - 30V DC (HTL/Push-Pull) | | **Resolution** | Up to 5000 Pulses Per Revolution (PPR) | | **Output Type** | Line Driver, Push-Pull, or Open Collector | | **Current Consumption** | ≤ 100mA | | **Frequency Response** | 0 ~ 300 kHz | | **Rise/Fall Time** | < 1 µs | --- ### 4. Wiring and Interface Proper electronic integration requires shielding to prevent EMI (Electromagnetic Interference). The standard wiring color code (though it varies by manufacturer) usually follows this pattern: ```yaml Red: Vcc (Power +) Black: 0V (GND) White: Signal A Green: Signal B Yellow: Signal Z (Index) Shield: Grounding/Noise protection ``` --- ### 5. Protection Circuitry Robust industrial versions of the ISC75 include: * **Reverse Polarity Protection:** Prevents damage if power leads are swapped. * **Short-Circuit Protection:** Protects the output stages if signal lines touch ground. * **Noise Filters:** Capacitors integrated on the signal lines to smooth out high-frequency transients.
    ✨ Follow-up Questions
    • ⤷ What is the difference between TTL and HTL output types for this encoder?
    • ⤷ How do you calculate RPM based on the PPR and frequency response?
    • ⤷ Which mechanical mounting options are compatible with the ISC75?