データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ISCNH166P

  • AI
    The **ISCNH166P** is an industrial-grade, high-performance network switch module, typically integrated into ruggedized systems or specialized communication racks. It is designed to handle harsh environments while providing reliable data transmission. Below is a breakdown of its core electronic characteristics, technical specifications, and internal components. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Port Configuration** | Typically 16-Port 10/100Base-T(X) | | **Input Voltage** | 12V to 48V DC (Redundant inputs common) | | **Housing** | IP30 or IP40 Metal Enclosure | | **Operating Temp** | -40°C to +75°C (Extended industrial range) | | **Mounting** | DIN-Rail or Wall Mount | ### 2. Core Electronic Components The "P" in the suffix often denotes **PoE (Power over Ethernet)** capability or a specific **Plug-in** form factor, depending on the manufacturer (commonly associated with brands like Henrich or specialized industrial OEMs). #### A. Networking Chipset (The "Brain") * **Switching Fabric:** Uses an ASIC (Application-Specific Integrated Circuit) designed for Layer 2 switching. It handles MAC address learning and frame forwarding at wire speed. * **Packet Buffer:** Integrated RAM to prevent data loss during traffic bursts (micro-bursts). #### B. Power Management Circuitry * **DC-DC Converters:** High-efficiency buck-boost converters that stabilize fluctuating industrial power supplies. * **Isolation Transformers:** Essential for Ethernet ports to prevent ground loops and protect the internal logic from voltage spikes on the network cables. #### C. Protection Components * **TVS Diodes:** Transient Voltage Suppressors protect the internal circuits from Electrostatic Discharge (ESD). * **EFT Protection:** Guards against "Electrical Fast Transients" caused by nearby heavy machinery or motors. ### 3. Functional Features * **Store-and-Forward:** The device inspects the entire data packet for errors before forwarding it, ensuring data integrity. * **Auto-MDI/MDI-X:** Electronic sensing that automatically adjusts for straight-through or crossover cables. * **Relay Output:** Includes a physical "Fault Alarm" relay that closes/opens a circuit if a power failure or port link failure is detected. --- ### 4. Comparison: Industrial vs. Commercial Parts | Component Type | ISCNH166P (Industrial) | Standard Switch (Commercial) | | :--- | :--- | :--- | | **Capacitors** | Solid Polymer (High Temp) | Electrolytic (Standard) | | **Cooling** | Passive (Fanless) | Active (Fans prone to failure) | | **PCB Coating** | Often Conformal Coated | Bare PCB |
    ✨ Follow-up Questions
    • ⤷ Does the ISCNH166P support Power over Ethernet (PoE) on all 16 ports?
    • ⤷ What is the specific power consumption wattage of this module under full load?
    • ⤷ How do I configure the alarm relay settings for this switch?