データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ISCNH264F

  • AI
    The **ISCNH264F** is a specialized high-definition hardware encoder module designed for video compression and streaming applications. It is primarily utilized in industrial, security, and medical imaging systems where real-time video transmission is critical. --- ### 1. Core Technical Specifications The electronic architecture of the ISCNH264F revolves around its ability to convert raw video signals into compressed digital streams. | Feature | Specification | | :--- | :--- | | **Compression Standard** | H.264 / AVC (Advanced Video Coding) | | **Input Interface** | HDMI / CVBS / SDI (Depending on sub-variant) | | **Resolution Support** | Up to 1080p @ 60fps | | **Communication Protocol** | ONVIF, RTSP, RTMP, HTTP, UDP | | **Storage Support** | MicroSD/TF Card slot for local edge storage | | **Power Input** | Typically 5V - 12V DC | --- ### 2. Key Electronic Components The board consists of several critical integrated circuits (ICs) and subsystems: 1. **System-on-Chip (SoC):** The "brain" of the module, often based on HiSilicon or similar ARM architectures, which handles the complex mathematical algorithms required for H.264 encoding. 2. **DDR Memory:** High-speed RAM (DDR3/DDR4) used as a buffer for video frames during the encoding process to prevent frame dropping. 3. **Flash Memory (NAND/SPI):** Stores the firmware, embedded Linux OS, and web interface configurations. 4. **Ethernet Controller:** A Physical Layer (PHY) chip that manages the RJ45 interface for streaming the data over a network. 5. **Power Management IC (PMIC):** Steps down the input voltage to the specific levels required by the SoC (usually 1.1V, 1.8V, and 3.3V). --- ### 3. Functional Block Diagram (Simplified) The data flow within the electronic parts follows this sequence: * **Video Capture:** Raw signals enter via the HDMI/Video bridge. * **Processing:** The SoC compresses the raw YUV data into H.264 NAL units. * **Packetization:** The CPU wraps the compressed data into network protocols (e.g., TS over UDP). * **Output:** The data is pushed through the Ethernet transformer to the local area network. --- ### 4. Common Use Cases * **IP Camera Integration:** Converting analog or HDMI cameras into network-capable devices. * **UAV/Drones:** Transmitting high-definition video feeds to a ground station over a digital link. * **Digital Signage:** Distributing synchronized video content across multiple screens via IP. ---
    ✨ Follow-up Questions
    • ⤷ What are the power consumption requirements for the ISCNH264F during full 1080p encoding?
    • ⤷ Does this module support H.265 (HEVC) compression or is it limited to H.264?
    • ⤷ How do you access the configuration interface of this encoder board?