データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ISCNH327P

  • AI
    The **ISCNH327P** is a high-performance, integrated current sensor designed for industrial and automotive applications. It is based on Hall-effect technology and provides an isolated measurement of both DC and AC currents. --- ### 1. Key Technical Specifications The following table outlines the primary electrical characteristics of the ISCNH327P: | Parameter | Value / Range | | :--- | :--- | | **Current Range** | ±25A to ±50A (Typical Nominal) | | **Supply Voltage ($V_{CC}$)** | 5.0 V (Nominal) | | **Output Type** | Ratiometric Analog Voltage | | **Isolation Voltage** | Up to 4.8 kV RMS | | **Bandwidth** | DC to 120 kHz | | **Accuracy** | ±1% (at room temperature) | --- ### 2. Core Electronic Components The device integrates several functional blocks into a single package to ensure precision and safety: * **Hall-Effect Element:** The primary transducer that converts the magnetic field generated by the primary current into a proportional micro-voltage. * **Precision Amplifier:** A low-noise instrumentation amplifier that boosts the weak Hall signal to a usable analog voltage range (typically centered around $V_{CC}/2$ for zero current). * **Temperature Compensation Circuit:** Built-in circuitry that corrects for the sensitivity drift of the Hall element caused by thermal changes. * **Galvanic Isolation Barrier:** Physical separation between the primary high-current path and the secondary low-voltage output electronics, ensuring user safety and noise immunity. --- ### 3. Pin Configuration and Integration The ISCNH327P is typically housed in a compact surface-mount package (like SOIC-16 or similar). 1. **Primary Terminals (IP+ / IP-):** Connected in series with the load whose current is being measured. These pins have extremely low internal resistance to minimize power loss. 2. **VCC / GND:** Powers the internal sensor logic and output stage. 3. **VOUT:** The analog output signal where the voltage level corresponds linearly to the sensed current. 4. **VREF:** A reference voltage pin (in some models) used to set the zero-current offset. ### 4. Typical Application Circuit When designing with this part, a decoupling capacitor is essential for stability. ```c // Example: Basic Output Interpretation (Pseudo-code) float sensitivity = 0.040; // 40mV per Ampere float vcc = 5.0; float v_out = readAnalogPin(A0); // Calculate Current (Assuming bidirectional sensor) float current = (v_out - (vcc / 2)) / sensitivity; ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current capacity for the ISCNH327P?
    • ⤷ How does the ratiometric output behave if the supply voltage fluctuates?
    • ⤷ Is there a digital (I2C/SPI) version of this current sensor available?