データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ISCNH342P

  • AI
    The **ISCNH342P** is an industrial-grade networking component, specifically a **Managed Layer 2/3 Industrial Ethernet Switch** module or assembly, often used in automation and power utility environments. Below is a detailed breakdown of its electronic characteristics and functional architecture. --- ## 1. Core Technical Specifications The device is designed for high reliability in harsh environments. The "342P" nomenclature typically refers to its port configuration and PoE (Power over Ethernet) capabilities. | Feature | Specification Details | | :--- | :--- | | **Port Density** | 4 to 8 Gigabit Ethernet Ports (model dependent) | | **Fiber Connectivity** | SFP (Small Form-factor Pluggable) slots for long-range fiber | | **Power Input** | Redundant DC inputs (typically 24V or 48V) | | **PoE Support** | IEEE 802.3at/af (PoE+) providing up to 30W per port | | **Ingress Protection** | IP30 or IP40 Metal Housing | | **Mounting** | DIN-Rail or Wall Mount | --- ## 2. Key Electronic Components ### A. Processor and Switching Fabric The heart of the ISCNH342P is an **ASIC (Application-Specific Integrated Circuit)** designed for wire-speed switching. Unlike a consumer router, this chip handles data packets at the hardware level, ensuring minimal latency (microseconds). ### B. Power Management Circuitry Because this is a "P" (PoE) model, the internal PCB includes: * **DC-DC Converters:** To step up/down the input voltage to the stable 48-54V required for PoE devices. * **Isolation Transformers:** Critical for industrial safety to prevent electrical surges from traveling through the Ethernet cables. ### C. Industrial Hardening The electronics are built with: * **TVS Diodes:** (Transient Voltage Suppressors) to protect against Electrostatic Discharge (ESD). * **Wide-Temperature Capacitors:** Rated for operation between **-40°C and +75°C**. * **Gold-Plated Contacts:** On RJ45 and SFP interfaces to prevent corrosion in humid environments. --- ## 3. Communication Protocols (Layer 2/3) The internal firmware supports complex electronic routing and management protocols: 1. **Redundancy Protocols:** Supports **ERPS** (Ethernet Ring Protection Switching) and **MSTP/RSTP**, allowing the network to recover in less than 50ms if a cable is cut. 2. **Multicast Filtering:** Uses **IGMP Snooping** to manage industrial traffic like video streams or PLC (Programmable Logic Controller) data. 3. **VLAN Tagging:** (802.1Q) for electronic isolation of different departments (e.g., separating CCTV traffic from SCADA data). --- ## 4. Typical Application Example ```python # Conceptual Logic: How the Switch Handles a Fault if link_failure_detected(port_01): trigger_redunancy_protocol("ERPS") recalculate_path(target="PLC_Master") send_alert_to_snmp_server("Link Down - Port 1") ```
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements for the ISCNH342P in a PoE setup?
    • ⤷ How does ERPS compare to RSTP in terms of recovery time?
    • ⤷ Can this switch be managed via a CLI or a Web interface?