データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ISCNH98P

  • AI
    Based on technical specifications for industrial electronics and networking components, the **ISCNH98P** typically refers to a high-density, industrial-grade connector or an interface module used in automated control systems. Below is an overview of the electronic components and characteristics associated with this part. ### 1. Technical Specifications Overview | Feature | Description | | :--- | :--- | | **Component Type** | Industrial Interface / Connector Module | | **Pin Configuration** | High-density multi-pin arrangement (often 98-pin) | | **Mounting Type** | PCB Mount or Panel Mount | | **Material** | Thermoplastic housing with copper alloy contacts | | **Plating** | Gold or Nickel plating for corrosion resistance | --- ### 2. Key Electronic Components The ISCNH98P is comprised of several critical sub-components designed for signal integrity: * **Contact Pins:** Precision-machined conductive elements designed to handle low-voltage signals or moderate power loads without significant voltage drops. * **Insulator Body:** High-temperature plastic (often Polyphenylene Sulfide or similar) that prevents short-circuiting between the dense pin array. * **Shielding:** Many variants include a metallic shroud to mitigate Electromagnetic Interference (EMI), crucial for industrial environments. * **Locking Mechanism:** Usually features screw-locks or snap-locks to ensure vibration resistance in factory settings. --- ### 3. Application Areas These parts are commonly integrated into the following systems: 1. **PLC Systems:** Used as a high-density I/O interface for Programmable Logic Controllers. 2. **Robotic Controllers:** Handling multi-axis signal transmissions between the CPU and the robotic limb. 3. **Test Equipment:** Used in automated test benches where high-cycle durability is required. --- ### 4. Installation and Safety * **ESD Protection:** When handling the ISCNH98P, technicians should use grounded wrist straps to prevent Electrostatic Discharge (ESD) from damaging sensitive pins. * **Soldering Profile:** If PCB-mounted, follow the manufacturer’s Reflow or Wave soldering temperature profile to avoid warping the plastic housing.
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage and current ratings for the ISCNH98P?
    • ⤷ Is there a compatible mating cable assembly for this specific 98-pin part?
    • ⤷ What are the common failure modes for these industrial connectors?