データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • J-N-R

  • AI
    The term **J-N-R** in the context of electronics primarily refers to a specific series of **Metal Oxide Varistors (MOV)** manufactured by JNR (Joyin). These are passive components used to protect circuits against high-voltage surges. --- ### 1. What is a JNR Varistor? A Varistor (Voltage Dependent Resistor) is a component with an electrical resistance that varies with the applied voltage. At normal voltages, it has high resistance, but when a surge occurs, its resistance drops sharply to clamp the voltage and protect sensitive downstream components. ### 2. Technical Specifications Table Typical JNR series components are identified by their disc diameter and voltage rating. | Feature | Description | Typical Value | | :--- | :--- | :--- | | **Material** | Metal Oxide (Zinc Oxide) | ZnO | | **Response Time** | High speed | < 25 nanoseconds | | **Voltage Range** | Clamping voltage | 18V to 1800V | | **Energy Absorption** | Surge handling capacity | 0.1 to 1000+ Joules | | **Operating Temp** | Thermal stability | -40°C to +85°C | --- ### 3. Part Number Decoding When you see a part labeled like `JNR 14D471K`, it can be broken down as follows: 1. **JNR**: The manufacturer/series prefix (Joyin Varistor). 2. **14**: The diameter of the disc in millimeters (e.g., 07, 10, 14, 20mm). Larger discs handle higher surge currents. 3. **D**: Shape (D stands for Disc). 4. **471**: The varistor voltage. The first two digits are significant, and the third is the multiplier. * *Example: 47 * 10^1 = 470V.* 5. **K**: Tolerance (K = ±10%, L = ±15%). --- ### 4. Common Applications * **Power Supplies:** To protect against lightning strikes or grid fluctuations. * **Consumer Electronics:** Found in surge protectors, TVs, and computers. * **Industrial Equipment:** Used in motor controllers and communication systems to prevent EMI/RFI damage. ### 5. Circuit Symbol and Placement In a schematic, a JNR varistor is placed **in parallel** with the AC or DC input line, usually immediately after a fuse. ```text L (Line) ----[ FUSE ]-------+------- (Load) | [ JNR ] <-- Varistor | N (Neutral) ----------------+------- (Load) ```
    ✨ Follow-up Questions
    • ⤷ How do I choose the correct JNR varistor voltage for a 230V AC circuit?
    • ⤷ What is the difference between a JNR varistor and a TVS diode?
    • ⤷ What happens to a JNR varistor when it fails?