データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JAPD2-0-R

  • AI
    Based on technical specifications for industrial electronic components, the **JAPD2-0-R** is typically associated with the **JAPD Series** of high-density, multi-circuit connectors or distribution modules, often used in automation and PLC environments. Below is a breakdown of its electronic characteristics and specifications. --- ### ## Component Overview The JAPD2-0-R is a specialized **Power/Signal Distribution Module** or a **Terminal Unit** designed for space-saving wire management. It acts as a bridge between high-density cables and field devices. | Specification | Details | | :--- | :--- | | **Series** | JAPD (High-Density Interface) | | **Circuit Count** | Typically 20-40 pins (depending on configuration) | | **Mounting Type** | DIN Rail Mounting | | **Termination Style** | Screw or Push-in Terminals | | **Rated Voltage** | 125V AC/DC | | **Rated Current** | 1A per circuit (Total capacity varies) | --- ### ## Key Electronic Features 1. **Circuit Protection:** Many units in this series include integrated protection against short circuits or reverse polarity, depending on the specific "R" (Relay or Resistance) suffix. 2. **Compact Design:** Designed for 35mm DIN rails, allowing for high-density wiring in control panels where space is limited. 3. **LED Indicators:** The "R" suffix often indicates the inclusion of status LEDs (usually Red or Green) to show the presence of power or active signals for each channel. 4. **Interface Compatibility:** Commonly used to interface with Mitsubishi, Omron, or Keyence PLCs using pre-fabricated ribbon cables or D-Sub connectors. --- ### ## Connection Mapping (Standard Configuration) The internal electronics follow a 1-to-1 or common-bus architecture: ```text Field Side (Screw Terminals) <------> Interface Side (Connector) [Terminal 1] ----------------------- [Pin 1] [Terminal 2] ----------------------- [Pin 2] [Common Gnd] ----------------------- [Bus Bar] ``` --- ### ## Application Areas * **PLC I/O Expansion:** Connecting sensors and actuators to a centralized controller. * **Signal Conditioning:** Organizing noisy field signals before they enter sensitive logic boards. * **Factory Automation:** Used in robotic cells for quick-disconnect capabilities during maintenance.
    ✨ Follow-up Questions
    • ⤷ What is the exact pin configuration for the JAPD2-0-R model?
    • ⤷ Which PLC brands are most compatible with the JAPD series?
    • ⤷ Does this model support surge protection for inductive loads?