データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JAPD2-2-R

  • AI
    The **JAPD2-2-R** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Power Inductor** or a high-precision magnetic component, often manufactured by companies like Sumida or specialized magnetic suppliers. Below is a detailed breakdown of its technical characteristics and functions. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and electrical properties: | Feature | Specification | Description | | :--- | :--- | :--- | | **Type** | Power Inductor | Used for energy storage and filtering. | | **Mounting Type** | SMD/SMT | Surface Mount Device for automated PCB assembly. | | **Structure** | Shielded | Magnetic shielding to reduce Electromagnetic Interference (EMI). | | **RoHS Status** | Compliant (R) | The "R" suffix often denotes Lead-Free/RoHS compliance. | ### 2. Key Internal Components The JAPD2-2-R consists of several critical materials that determine its performance: * **Core Material:** Usually a Ferrite or Metal Alloy core. Ferrite provides high permeability for efficiency, while metal alloys offer better saturation current characteristics. * **Winding:** High-grade copper wire wound around the core. The thickness of the wire determines the DC Resistance (DCR). * **Terminations:** Tin-plated copper electrodes for reliable soldering to the PCB. * **Encapsulation:** An epoxy or magnetic resin coating that protects the internal coil and provides the magnetic shield. ### 3. Electrical Functionality In a circuit, the JAPD2-2-R performs three primary roles: 1. **Energy Storage:** In DC-DC converters (Buck/Boost), it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle. 2. **Noise Filtering:** It acts as a low-pass filter, blocking high-frequency AC noise while allowing DC current to pass through. 3. **Voltage Regulation:** Helps maintain a steady output voltage by smoothing out current ripples. ### 4. Typical Applications These components are commonly found in compact electronic devices where space is limited: * **Mobile Devices:** Smartphones and tablets for power management ICs (PMIC). * **Computing:** Laptops and SSDs for voltage regulation modules. * **Automotive:** Infotainment systems and sensor modules (if AEC-Q200 qualified). ---
    ✨ Follow-up Questions
    • ⤷ What are the specific inductance and current ratings for the JAPD2-2-R?
    • ⤷ How does the 'Shielded' design of this inductor compare to unshielded versions?
    • ⤷ Which manufacturers are the primary suppliers for the JAPD series?