データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JAPD2-2J-R

  • AI
    The **JAPD2-2J-R** is a specific electronic component, typically categorized as a **Metal Oxide Varistor (MOV)** or a specialized surge protection device, often associated with brands like **JOINTSET** or similar manufacturers specializing in EMI/ESD protection. Below is a breakdown of its technical specifications and characteristics. --- ### 1. General Specifications The part number follows a specific nomenclature that defines its electrical behavior and physical dimensions. | Feature | Description | | :--- | :--- | | **Component Type** | Metal Oxide Varistor (MOV) / Chip Varistor | | **Series** | JAPD (Jointset Antistatic Protection Device) | | **Case Size** | 0402 or 0603 (Metric/Imperial variants apply) | | **Clamping Voltage** | Defined by the "2J" designation | | **Packaging** | Tape & Reel (indicated by the "-R") | --- ### 2. Key Electronic Functions The JAPD2-2J-R is designed to protect sensitive integrated circuits from voltage transients. * **ESD Protection:** It provides high-speed suppression of Electrostatic Discharge (ESD) events, typically compliant with IEC 61000-4-2. * **Bidirectional Operation:** As a varistor, it acts as a symmetrical protection device, handling both positive and negative voltage spikes. * **Low Capacitance:** These devices are often engineered with low parasitic capacitance to ensure signal integrity in high-speed data lines (like USB or HDMI). --- ### 3. Material and Construction The device is a ceramic-based semiconductor component. * **Material:** Zinc Oxide (ZnO) with various metal oxide additives. * **Structure:** Multilayer construction to increase the surface area for current handling while maintaining a small footprint. * **Terminations:** Usually silver (Ag) or nickel (Ni) with a tin (Sn) plating for lead-free soldering compatibility. --- ### 4. Common Applications This part is frequently found in compact consumer electronics where board space is at a premium: 1. **Mobile Devices:** Smartphones, tablets, and wearables. 2. **Peripheral Interfaces:** Protecting USB ports, audio jacks, and buttons. 3. **Computing:** Laptop motherboards and high-speed data buses. --- ### 5. Standard Operating Values (Generic Representation) *Note: Always verify with the manufacturer's specific datasheet for the "2J" voltage rating.* ```json { "Part_Number": "JAPD2-2J-R", "Working_Voltage_DC": "Typically 5.5V - 18V", "Clamping_Voltage": "< 35V (at 1A)", "Response_Time": "< 1 nanosecond", "Operating_Temperature": "-40°C to +85°C" } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact clamping voltage for the 2J suffix in this series?
    • ⤷ How does this part compare to a TVS diode in terms of performance?
    • ⤷ Is this part RoHS compliant and lead-free?