データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JAPD2-4WM-R

  • AI
    The **JAPD2-4WM-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a specialized **Magnetic Component**. While the exact specifications can vary slightly by manufacturer (often associated with brands like Sumida or Cyntec), the nomenclature provides specific insights into its build and performance. --- ### 1. Key Technical Specifications Based on the standard industry naming conventions for the JAPD series, here are the typical technical characteristics: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Power Inductor / Choke | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Inductance Range** | Typically measured in $\mu H$ (Microhenries) | | **Core Material** | Ferrite or Metal Alloy (Manganese-Zinc or Nickel-Zinc) | | **Shielding** | Magnetically Shielded (prevents EMI interference) | | **Operating Temperature** | -40°C to +125°C (Automotive/Industrial Grade) | --- ### 2. Physical Construction The "4WM" and "R" in the part number often denote specific physical and logistical attributes: * **Shielding:** The "R" usually indicates that the component is **RoHS Compliant** (Lead-free) or comes in **Tape & Reel** packaging. * **Case Size:** The "4W" part of the code typically refers to the footprint dimensions (e.g., 4.x mm x 4.x mm). * **Low Profile:** These parts are designed to be thin (Low Profile) to fit into compact consumer electronics like smartphones or tablets. --- ### 3. Application Areas These inductors are designed for high-efficiency power conversion. They are commonly found in: 1. **DC-DC Converters:** Used for voltage regulation in battery-powered devices. 2. **Power Management Integrated Circuits (PMICs):** Acting as energy storage elements. 3. **Noise Filtering:** Used as chokes to suppress high-frequency noise in power lines. 4. **Consumer Electronics:** Laptops, SSDs, and handheld gaming consoles. --- ### 4. Part Number Breakdown (Generalized) | Segment | Meaning | | :--- | :--- | | **JAPD** | Series Series identifier (High current, magnetic shielding) | | **2** | Voltage or Performance Class | | **4W** | Dimensional code (Width/Length) | | **M** | Tolerance (typically $\pm 20\%$) | | **R** | Packaging (Tape & Reel) or RoHS status | ---
    ✨ Follow-up Questions
    • ⤷What is the exact inductance value for the JAPD2-4WM-R?
    • ⤷ Is the JAPD2-4WM-R qualified for automotive use (AEC-Q200)?
    • ⤷ Which manufacturers are the primary suppliers for this part?