データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JAPD2-5A-R

  • AI
    The **JAPD2-5A-R** is a specific electronic component, typically categorized as a **High-Density Board-to-Board Connector** or a specialized **Power Distribution Connector**, often manufactured by companies like JAE (Japan Aviation Electronics) or similar industrial suppliers. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Technical Specifications The part number typically indicates specific electrical and mechanical ratings. | Feature | Specification (Typical) | | :--- | :--- | | **Part Series** | JAPD Series | | **Current Rating** | 5A per contact (Approximate) | | **Mounting Type** | Surface Mount (SMT) or Through-Hole | | **Contact Material** | Copper Alloy with Gold/Tin Plating | | **Insulation Resistance** | 1000 MΩ Minimum | | **Dielectric Withstanding Voltage** | 500V AC/minute | | **Operating Temperature** | -40°C to +85°C | --- ## 2. Key Electronic Components & Materials The functionality of the JAPD2-5A-R relies on three main electronic design elements: ### A. Contact Interface * **Conductivity:** Uses high-grade copper alloys to ensure a low-resistance path, vital for the 5A current rating. * **Plating:** Usually features **Gold plating** on the contact area to prevent oxidation and ensure signal integrity over many mating cycles. ### B. Housing & Insulation * **Material:** High-temperature thermoplastic (e.g., LCP - Liquid Crystal Polymer). * **Purpose:** Provides physical structure and ensures electrical isolation between pins to prevent short-circuiting under high-voltage loads. ### C. Mechanical Retention * **Hold-downs:** Often includes metallic "bosses" or solder tabs that provide mechanical strength, ensuring the part does not lift off the PCB during vibration or repeated plugging/unplugging. --- ## 3. Common Applications This part is designed for compact environments that require significant power delivery. 1. **Industrial Automation:** Powering sensors and small actuators on control boards. 2. **Consumer Electronics:** Internal battery connections or high-speed charging interfaces. 3. **Telecommunications:** Power distribution within modular networking hardware. 4. **Automotive Infotainment:** Connecting display modules to the main processing unit. --- ## 4. Usage Considerations When integrating the JAPD2-5A-R into a circuit: * **Thermal Management:** Ensure the PCB trace width is sufficient to handle 5A without excessive heat buildup. * **Mating Cycles:** Check the datasheet for the maximum number of insertions allowed before the plating wears down. * **Soldering Profile:** Being an "R" (usually standing for Reel) variant, it is often intended for automated pick-and-place and reflow soldering.
    ✨ Follow-up Questions
    • ⤷ What is the exact pitch measurement for the JAPD2-5A-R pins?
    • ⤷ Does this connector support high-speed data transmission in addition to power?
    • ⤷ What are the recommended PCB footprint dimensions for this part?