データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JAPD2-A-R

  • AI
    The **JAPD2-A-R** is a specific model of a **Miniature Automotive Relay** produced by manufacturers like **Fujitsu** (often under the Takamisawa brand) or similar precision component makers. These relays are designed for high-reliability switching in space-constrained automotive and industrial environments. --- ### 1. General Specifications The JAPD2-A-R belongs to the JAPD series, known for its ultra-miniature size and high power switching capability. | Feature | Specification (Typical) | | :--- | :--- | | **Contact Arrangement** | 1 Form A (SPST-NO - Normally Open) | | **Nominal Voltage** | 12V DC | | **Switching Current** | Up to 20A - 25A (Application dependent) | | **Contact Material** | Silver Tin Oxide (AgSnO2) | | **Mounting Type** | PCB (Through-hole) | | **Enclosure** | Plastic Sealed (Washable) | --- ### 2. Internal Electronic Components The device consists of three primary sections that work together to perform the switching action: #### A. The Coil (Input Side) * **Winding:** Fine copper wire wound around a core. When 12V DC is applied, it creates an electromagnetic field. * **Power Consumption:** Designed for low power consumption to prevent draining the vehicle battery or overheating the PCB. #### B. The Contacts (Output Side) * **Moving Armature:** A metal piece attracted by the coil's magnetism. * **Stationary Contact:** The fixed terminal that the armature connects to when energized. * **AgSnO2 Material:** The use of Silver Tin Oxide prevents "welding" (sticking) during high-current surges, common in motor starts or lamp loads. #### C. The Mechanical Housing * **Spring Mechanism:** Returns the contact to the "Open" position immediately when power is removed. * **Sealing:** The "R" in the part number often indicates a specific sealing or resistance rating, protecting the internal electronics from dust, moisture, and engine fluids. --- ### 3. Common Applications Due to its 12V rating and high current capacity, the JAPD2-A-R is typically found in: 1. **Automotive Power Windows:** Reversing motor polarity. 2. **Central Locking Systems:** Actuating door locks. 3. **Seat Adjusters:** Managing high-torque motors. 4. **Wiper Controls:** Switching between intermittent and constant speeds. --- ### 4. Technical Pinout Layout *Most JAPD series follow a standard 4-pin or 5-pin footprint:* ```text [ Coil Pin 1 ] [ Contact Pin A ] | | | /-------------/ | / [ Coil Pin 2 ] [ Contact Pin B ] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum switching voltage for the JAPD2-A-R?
    • ⤷ Can this relay be used in 24V industrial systems?
    • ⤷ What are the equivalent replacement parts for the JAPD2 series?