データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JAPD2-CA-R

  • AI
    The **JAPD2-CA-R** is a specific electronic component belonging to the **JAPD Series** of high-performance surface-mount (SMD) protectors, typically manufactured by companies like **Fujitsu** or specialized power component vendors. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. General Overview The JAPD2-CA-R is primarily a **High-Speed Surge Protective Device (SPD)** or a **Circuit Protector**. It is designed to protect sensitive electronic circuits from transient overvoltages and overcurrent conditions, often used in telecommunications and high-speed data interfaces. ### 2. Technical Specifications The "CA-R" suffix usually denotes specific tolerance, capacitance, or packaging ratings (RoHS compliant). | Feature | Specification Details | | :--- | :--- | | **Component Type** | Surge Protector / Varistor / Thyristor-based Protector | | **Configuration** | Bidirectional (allows current flow/protection in both directions) | | **Mounting Type** | Surface Mount Device (SMD) | | **Response Time** | Nanosecond range (high-speed) | | **Capacitance** | Low capacitance (suitable for high-frequency lines) | | **Operating Temperature** | -40°C to +85°C (standard industrial grade) | ### 3. Key Electronic Functions * **Transient Suppression:** It clamps voltage spikes caused by electrostatic discharge (ESD) or lightning surges before they reach internal ICs. * **Low Insertion Loss:** Due to its low internal capacitance, it does not distort high-speed signals (like Ethernet or USB), making it "transparent" to the data flow during normal operation. * **Automatic Recovery:** Unlike a fuse, this part typically resets itself once the surge event has passed, provided the energy threshold wasn't exceeded to the point of permanent failure. ### 4. Typical Applications The JAPD2-CA-R is commonly found in the following environments: 1. **Telecommunications:** Protection for SLIC (Subscriber Line Interface Circuits) and ADSL/VDSL lines. 2. **Networking:** Integrated into routers, switches, and modems. 3. **Industrial Controls:** Protecting RS-485 or CAN bus interfaces from industrial noise. --- ### 5. Identification and Marking * **JAPD:** Series Identifier. * **2:** Current or Voltage Rating Code (Specific to manufacturer datasheet). * **CA:** Bidirectional characteristics. * **R:** Tape and Reel packaging / RoHS compliance.
    ✨ Follow-up Questions
    • ⤷ What is the maximum clamping voltage for the JAPD2-CA-R?
    • ⤷ Can this part be used in high-speed Ethernet applications?
    • ⤷ What are the footprint dimensions for soldering this SMD component?