データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JAPD2-D-R/Q

  • AI
    Based on the technical specifications for industrial automation and circuit protection, the **JAPD2-D-R/Q** typically refers to a specialized **DC Surge Protective Device (SPD)** or a related modular component used in photovoltaic or DC power systems. Below is a breakdown of the electronic characteristics and components associated with this type of device. --- ## 1. Technical Specifications This device is designed to protect sensitive electronic equipment from transient overvoltages (surges) caused by lightning or switching operations. | Feature | Specification Details | | :--- | :--- | | **Device Type** | Surge Protective Device (SPD) | | **Configuration** | D-Type (Fine protection / Class III) | | **Voltage Rating** | Typically 12V DC to 48V DC (depending on exact suffix) | | **Response Time** | < 25 ns | | **Mounting** | DIN Rail (35mm) | | **Terminal Type** | Screw Terminals for R/Q modularity | --- ## 2. Key Electronic Components The internal architecture of the JAPD2 series generally consists of the following electronic parts: ### A. Metal Oxide Varistor (MOV) * **Function:** Acts as a high-impedance component under normal voltage. * **Operation:** When a voltage spike occurs, the MOV's resistance drops rapidly, diverting the excess current to the ground. ### B. Gas Discharge Tube (GDT) * **Function:** Used in combination with the MOV to provide higher insulation resistance. * **Benefit:** Prevents leakage current and extends the lifespan of the MOV by isolating it from the line under normal conditions. ### C. Thermal Disconnector * **Function:** A safety mechanism that disconnects the SPD from the circuit if the device overheats due to repeated surges or end-of-life failure. * **Indication:** Often linked to a visual window (Green = OK, Red = Replace). ### D. Remote Signaling Contact (The "R" Suffix) * **Function:** An auxiliary dry contact (Relay output). * **Purpose:** Allows for integration into a monitoring system (PLC or SCADA) to alert operators if the protection module has failed. --- ## 3. Wiring and Application The "Q" in the part number often signifies a **Quick-connect** or specific modular plug-in design, allowing for the replacement of the protection module without disconnecting the base wiring. ### Basic Connection Diagram ```text [DC Positive +] ----> [ SPD Terminal 1 ] [DC Negative -] ----> [ SPD Terminal 2 ] [Earth/Ground ] ----> [ SPD Ground Terminal ] [Remote Signal] ----> [ Monitoring PLC ] ``` --- ## 4. Usage Environment These parts are commonly found in: 1. **Telecommunication Base Stations:** Protecting 48V DC power lines. 2. **Industrial Control Cabinets:** Protecting PLCs and sensitive sensors. 3. **Solar Power Systems:** Protecting DC combiner boxes.
    ✨ Follow-up Questions
    • ⤷ What is the maximum discharge current (Imax) for the JAPD2 series?
    • ⤷ How do you test if the MOV inside the JAPD2-D-R/Q is still functional?
    • ⤷ What is the difference between a Type 2 and a Type 3 (D-Type) SPD in this context?