データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JAPD2-EP-R/Q

  • AI
    The **JAPD2-EP-R/Q** is a specific series classification used within the electronics industry, primarily associated with high-reliability **Printed Circuit Boards (PCBs)** and components that meet **UL (Underwriters Laboratories)** safety and performance standards. The suffix **R/Q** typically denotes compliance with specific environmental or performance ratings, such as flame retardancy and thermal stability. --- ### 1. Technical Specifications The electronics under this classification are designed to withstand industrial environments. Below are the typical characteristics associated with this part series: | Feature | Description | | :--- | :--- | | **Component Type** | Rigid Printed Circuit Board (PCB) / Laminate | | **Material Base** | Typically FR-4 (Flame Retardant) or High-Tg Epoxy | | **UL Category** | ZPMV2 (Wiring, Printed - Component) | | **Flammability Rating** | UL 94V-0 (Self-extinguishing within 10 seconds) | | **Thermal Index (RTI)** | Generally ranges from 105°C to 130°C | | **Surface Finish** | Options include HASL, ENIG (Gold), or OSP | --- ### 2. Key Electronic Properties The "EP" in the designation often refers to **Epoxy** or **Enhanced Performance** characteristics: 1. **Dielectric Strength:** High resistance to electrical breakdown, ensuring insulation between circuit layers. 2. **CTI (Comparative Tracking Index):** Designed to prevent electrical tracking (arcing) across the surface of the board under moist conditions. 3. **Moisture Resistance:** Low water absorption rates to prevent delamination during soldering or high-humidity operation. 4. **Solder Mask Integrity:** The "R/Q" variants usually feature high-adhesion green or blue solder masks that resist chemical solvents. --- ### 3. Industry Applications These parts are engineered for sectors where failure is not an option due to safety or cost: * **Industrial Automation:** Used in PLC (Programmable Logic Controller) motherboards. * **Power Supplies:** High-voltage converters requiring specific UL creepage and clearance distances. * **Telecommunications:** Network switches and routers that operate 24/7. * **Automotive Electronics:** Control modules that experience significant thermal cycling. --- ### 4. Identification & Marking When inspecting a JAPD2-EP-R/Q component, look for the following physical markings: * **The "UR" Symbol:** The recognized component mark from UL. * **Date Code:** Usually a 4-digit code (WWYY) indicating the week and year of manufacture. * **Flame Rating:** Explicitly stated as "94V-0" on the silkscreen.
    ✨ Follow-up Questions
    • ⤷ What are the specific UL 796 testing requirements for JAPD2 category boards?
    • ⤷ How does the 'R/Q' suffix affect the maximum operating temperature compared to standard JAPD2 parts?
    • ⤷ Which manufacturers are the primary suppliers for JAPD2-EP series materials?