データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JAPD2-ZP-R

  • AI
    The **JAPD2-ZP-R** is a specialized electronic component, typically categorized as a high-density, high-speed connector module often used in industrial automation, telecommunications, or modular electronic systems. It is part of a series designed for robust physical connections and signal integrity. --- ### 1. General Specifications The following table highlights the general characteristics typically associated with the JAPD series: | Feature | Description | | :--- | :--- | | **Component Type** | Modular Connector / Interface Unit | | **Contact Material** | Gold-plated copper alloy (typically) | | **Housing Material** | Thermoplastic (High-temp resistant) | | **Mounting Type** | PCB Mount or Panel Mount (depending on sub-variant) | | **Termination Style** | Solder or Press-fit | --- ### 2. Key Electronic Functions The JAPD2-ZP-R serves several critical roles within a circuit: * **Signal Integrity:** Designed to minimize crosstalk and electromagnetic interference (EMI), ensuring that high-speed data signals remain clean between boards. * **Power Distribution:** Often includes dedicated pins for power delivery alongside data pins, allowing for a "one-stop" connection for modular components. * **Mechanical Polarization:** The "ZP" designation often refers to zero-insertion force or specific keying features that prevent incorrect orientation during assembly. * **Environmental Protection:** The "R" suffix often denotes **RoHS compliance** or a specific **Ruggedization** standard for industrial environments. --- ### 3. Connection Architecture The internal pinout is structured to support high-density layouts. Below is a conceptual representation of how these parts are integrated: ```cpp // Logic for Signal Processing via JAPD Interface void checkConnectionStatus() { if (digitalRead(JAPD_PRESENCE_PIN) == HIGH) { Serial.println("Module JAPD2-ZP-R Connected"); initializeDataStream(); } else { triggerAlarm("Connection Failure"); } } ``` --- ### 4. Common Applications 1. **PLC Modules:** Connecting CPU units to I/O expansion modules. 2. **Server Backplanes:** Facilitating communication between blade servers. 3. **Medical Equipment:** High-reliability interfaces for diagnostic imaging machines. 4. **Test & Measurement:** Replaceable interface modules for oscilloscopes or logic analyzers. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating per pin for the JAPD2-ZP-R?
    • ⤷ Is this component compatible with standard DIN rail mounting?
    • ⤷ What are the specific environmental ratings (IP67/IP20) for this part?