データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JARP2-0A-R

  • AI
    The **JARP2-0A-R** is a specific electronic component typically categorized under high-frequency connectors or specialized automotive/industrial RF (Radio Frequency) modules. Below is a detailed technical breakdown of its characteristics and usage. --- ## 1. Component Overview The JARP2-0A-R is most commonly associated with **Fakra-style** or specialized RF connector systems used in high-vibration and high-reliability environments. ### Key Specifications | Feature | Description | | :--- | :--- | | **Type** | RF Connector / Junction Component | | **Interface** | SMB (SubMiniature version B) based | | **Impedance** | 50 Ohms (Standard for RF) | | **Mounting Type** | Right Angle (indicated by the 'R' suffix) | | **Gender** | Male/Plug (Internal Pin) | --- ## 2. Technical Breakdown ### Physical Construction * **Housing:** Usually constructed from high-temperature resistant plastic (PBT or similar) to withstand automotive engine bay temperatures. * **Coding/Keying:** These parts often feature "mechanical coding" (colors and physical slots) to prevent incorrect connections during assembly. * **Plating:** The contact points are typically **Gold-plated** to ensure low signal loss and oxidation resistance. ### Signal Integrity The "0A" designation often refers to a specific frequency range or a "Code A" physical keying. Code A is standardly assigned for **GPS** or **DAB** (Digital Audio Broadcasting) signals in many automotive standards. --- ## 3. Applications The JARP2-0A-R is designed for environments where signal integrity must be maintained despite mechanical stress. 1. **Automotive Telematics:** Connecting shark-fin antennas to the head unit for GPS, Cellular (LTE/5G), and Satellite Radio. 2. **Infotainment Systems:** Routing high-frequency digital audio signals. 3. **ADAS (Advanced Driver Assistance Systems):** Interfacing camera modules with central processing units. --- ## 4. Part Number Decoder (Typical) While manufacturers vary slightly, the nomenclature usually follows this logic: * **JARP:** Series identifier (High-frequency RF). * **2:** Generation or size variant. * **0A:** Keying/Coding (Determines which female connector it can mate with). * **R:** Orientation (Right Angle) vs. Straight. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific frequency limits for the JARP2-0A-R?
    • ⤷ Which automotive color code corresponds to the '0A' keying?
    • ⤷ Is there a surface-mount (SMT) version of this component?