データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JARP2-2M-R

  • AI
    The **JARP2-2M-R** is a specific electronic component typically categorized as a **Circular Connector** or a high-density industrial plug/socket, often associated with Japanese manufacturing standards (such as those from Nanaboshi or similar circular connector specialists). Below is a detailed breakdown of its electronic parts and technical specifications. --- ## 1. Technical Specifications This part is designed for robust electrical connections in industrial environments. | Feature | Specification | | :--- | :--- | | **Series** | JARP (Industrial Circular) | | **Number of Pins** | 2 Pins | | **Shell Size** | 2M (Miniature/Medium Frame) | | **Contact Gender** | Male/Receptacle (Depending on configuration) | | **Mounting Type** | Panel Mount or Cable Mount | | **Coupling Mechanism** | Threaded or Push-Pull | | **RoHS Status** | Compliant (indicated by -R) | --- ## 2. Key Electronic Components The assembly of the JARP2-2M-R consists of several critical sub-parts that ensure electrical integrity: ### A. Conductive Pins (Contacts) * **Material:** Usually made of a copper alloy with gold or silver plating. * **Function:** Ensures low contact resistance and prevents oxidation over long-term use. * **Current Rating:** Designed to handle specific amperages (typically 5A to 10A depending on the gauge). ### B. Insulator (Dielectric) * **Material:** High-grade synthetic resin or PPS (Polyphenylene Sulfide). * **Function:** Provides high insulation resistance between the two pins and the outer shell to prevent short circuits. ### C. Metal Shell * **Material:** Zinc alloy or Aluminum with chrome or nickel plating. * **Function:** Provides mechanical strength, EMI/RFI shielding, and protection against harsh physical environments. ### D. Environmental Seals * **Material:** Synthetic rubber O-rings or gaskets. * **Function:** Prevents the ingress of dust, oil, and moisture (often rated for IP55 or higher). --- ## 3. Pinout and Wiring The JARP2-2M-R uses a standard 2-pole configuration: | Pin Number | Typical Usage | | :--- | :--- | | **1** | Positive (+) / Line / Signal | | **2** | Negative (-) / Neutral / Ground | --- ## 4. Typical Applications * **Industrial Automation:** Sensor connections and motor power. * **Medical Equipment:** Reliable power delivery for portable devices. * **Testing & Measurement:** Interfacing between controllers and external probes.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current and voltage rating for the JARP2-2M-R?
    • ⤷ Which mating connector is compatible with the JARP2-2M-R?
    • ⤷ Does this connector provide IP67 waterproofing?