データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JARP2-DA-R/Q

  • AI
    The **JARP2-DA-R/Q** is a specific series within the JARP (Japan Radio Co., Ltd.) lineup of high-precision electronic components, typically categorized as a **Pressure Transmitter** or **Pressure Sensor Module** used in industrial automation and marine engineering. Below is a breakdown of its technical characteristics and electronic parts. --- ### 1. Key Technical Specifications The "DA" typically signifies a digital-to-analog output configuration, while the "R/Q" suffix usually denotes specific mounting styles or pressure range tolerances. | Feature | Description | | :--- | :--- | | **Output Signal** | 4-20mA DC or 1-5V DC (Analog standard) | | **Power Supply** | Typically 24V DC (Range: 12V - 36V) | | **Accuracy Class** | 0.25% to 0.5% FS (Full Scale) | | **Circuit Type** | Solid-state piezoresistive or capacitive sensing | | **Protection** | IP65/IP67 (Dust and water-resistant) | --- ### 2. Internal Electronic Components The device consists of several critical internal sub-assemblies that work together to convert physical pressure into a readable electronic signal: #### A. Sensing Element (Transducer) * **Strain Gauges:** Usually a diaphragm-based sensor that changes resistance when deformed by pressure. * **Temperature Compensator:** A thermistor or RTD integrated into the sensor head to offset errors caused by ambient temperature changes. #### B. Signal Conditioning Circuit * **Operational Amplifiers (Op-Amps):** Low-noise amplifiers that boost the millivolt signal from the sensor to a usable level. * **A/D and D/A Converters:** In the "DA" models, the signal is often digitized for processing (filtering/linearization) and then converted back to an analog current loop (4-20mA). #### C. Protection Circuitry * **TVS Diodes:** Transient Voltage Suppression diodes to protect against power surges. * **Reverse Polarity Protection:** Prevents damage if the DC power leads are connected incorrectly. * **EMI/RFI Filters:** Ferrite beads and capacitors to prevent radio frequency interference, crucial for marine environments. --- ### 3. Connection Pinout (General) While specific wiring depends on the "R" or "Q" mounting style (Cable vs. DIN Connector), the typical electronic interface is: 1. **V+ (Red/Pin 1):** Positive Power Supply. 2. **Out (Black/Pin 2):** Signal Output / Return. 3. **Shield (Green/Clear):** Ground/Earth to reduce electronic noise. --- ### 4. Application Context These parts are commonly found in: * **Hydraulic Systems:** Monitoring oil pressure in heavy machinery. * **Marine Engines:** JRC/JARP components are frequently used in shipboard monitoring systems. * **Pneumatic Control:** Regulation of air pressure in industrial assembly lines.
    ✨ Follow-up Questions
    • ⤷ What are the specific pressure ranges supported by the JARP2-DA series?
    • ⤷ How do I calibrate the zero and span settings on this model?
    • ⤷ What is the difference between the R and Q mounting configurations?