データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JCS2N70RC-R-B

  • AI
    ### JCS2N70RC-R-B Electronic Component Overview The **JCS2N70RC-R-B** is an N-channel enhancement mode MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor). It is primarily designed for high-efficiency switching applications, such as power supplies and DC-DC converters. --- ### Technical Specifications | Parameter | Value | Description | | :--- | :--- | :--- | | **Drain-Source Voltage ($V_{DSS}$)** | 700V | The maximum voltage the device can handle between drain and source. | | **Continuous Drain Current ($I_D$)** | 2.0A | Maximum continuous current at $T_C = 25°C$. | | **Drain-Source On-Resistance ($R_{DS(on)}$)** | < 6.5 $\Omega$ | Resistance when the transistor is fully turned on (at $V_{GS}=10V$). | | **Gate Threshold Voltage ($V_{GS(th)}$)** | 2.0V - 4.0V | The voltage range required to start conduction. | | **Total Gate Charge ($Q_g$)** | ~7.5 nC | Total charge required to turn the gate on. | | **Package Type** | DPAK (TO-252) | Surface mount package with good thermal properties. | --- ### Key Features and Internal Structure The device utilizes advanced planar stripe technology, which provides several benefits: * **Low Gate Charge:** Minimizes switching losses and allows for high-frequency operation. * **High Speed Switching:** Faster transition between ON and OFF states. * **Improved Avalanche Ruggedness:** Ability to withstand unexpected voltage spikes (Reverse bias stress). * **RoHS Compliant:** Manufactured without hazardous substances like lead. --- ### Typical Applications 1. **LED Lighting Drivers:** Used in constant current circuits for LED power supplies. 2. **Switching Mode Power Supplies (SMPS):** Acting as the primary switch in AC-DC converters. 3. **DC-DC Converters:** Efficiency optimization in voltage stepping. 4. **Electronic Ballasts:** Used in fluorescent lighting control. --- ### Pin Configuration (DPAK) | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **Gate** | Controls the switching of the MOSFET. | | 2 / Tab | **Drain** | Connected to the load (positive supply side). | | 3 | **Source** | Connected to the ground or common return. |
    ✨ Follow-up Questions
    • ⤷ How does the R_DS(on) value affect the thermal performance of this MOSFET?
    • ⤷ What are the equivalents or alternatives to the JCS2N70RC-R-B?
    • ⤷ Can this MOSFET be driven directly by a 3.3V microcontroller?