データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JFK-63-R

  • AI
    The **JFK-63-R** typically refers to a high-performance **Solid State Relay (SSR)** or a specific industrial controller component often used in heating, ventilation, and manufacturing automation. Below is a breakdown of its electronic characteristics and internal parts. ### 1. Core Specifications | Parameter | Description | | :--- | :--- | | **Relay Type** | Solid State Relay (SSR) | | **Control Voltage** | Typically 3-32V DC (Logic Level) | | **Load Voltage** | Up to 480V AC (Standard Industrial Range) | | **Current Rating** | 63 Amperes | | **Switching Mode** | Zero-Cross Switching (Reduces EMI) | --- ### 2. Internal Electronic Components The "parts" inside a JFK-63-R are not mechanical like a traditional relay; instead, they are semiconductor-based: * **Optocoupler (Isolation):** The input side uses an LED and a phototransistor. This provides galvanic isolation (usually up to 4000V) between the low-voltage controller (PLC/Arduino) and the high-voltage load. * **Triac or Back-to-Back Thyristors (SCRs):** These are the power switching elements. For a 63A rating, it typically utilizes two SCRs (Silicon Controlled Rectifiers) in parallel to handle high thermal loads and current spikes. * **Zero-Crossing Circuit:** A timing circuit that ensures the relay only switches "ON" when the AC sine wave crosses zero volts. This prevents massive electrical noise and protects the load. * **Snubber Circuit (RC Network):** An internal Resistor-Capacitor network that protects the switching elements from voltage transients ($dv/dt$) and inductive kickback. --- ### 3. Physical & Hardware Features 1. **Heat Sink Base:** The "R" suffix often indicates a specific mounting style or a reinforced metal base (usually aluminum) designed to dissipate the heat generated by the 63A flow. 2. **LED Indicator:** A small surface-mount LED on the faceplate that illuminates when the control signal is active. 3. **Screw Terminals:** Heavy-duty M4 or M5 screws to ensure a low-resistance connection for high-gauge wiring. --- ### 4. Application Logic The electronic operation follows this flow: `Control Signal (3-32VDC)` $\rightarrow$ `Optical Isolation` $\rightarrow$ `Zero-Cross Detection` $\rightarrow$ `SCR Gate Trigger` $\rightarrow$ `Load Power (AC)` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between zero-cross and random-fire switching in the JFK series?
    • ⤷ Does the JFK-63-R require an external heat sink for full 63A operation?
    • ⤷ How do I wire a JFK-63-R to a PLC output?